Electronic Components Datasheet Search
  English  ▼

X  

2SD1985 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # 2SD1985
Description  Silicon NPN triple diffusion planar type(For power amplification)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SD1985 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SD1985 Datasheet HTML 1Page - Panasonic Semiconductor 2SD1985 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Power Transistors
2SD1985, 2SD1985A
Silicon NPN triple diffusion planar type
For power amplification
Complementary to 2SB1393 and 2SB1393A
s Features
q
High forward current transfer ratio hFE which has satisfactory linearity
q
Low collector to emitter saturation voltage VCE(sat)
q
Full-pack package which can be installed to the heat sink with
one screw
s Absolute Maximum Ratings (T
C=25˚C)
Parameter
Collector to
base voltage
Collector to
emitter voltage
Emitter to base voltage
Peak collector current
Collector current
Collector power
dissipation
Junction temperature
Storage temperature
Symbol
VCBO
VCEO
VEBO
ICP
IC
PC
Tj
Tstg
Ratings
60
80
60
80
6
5
3
25
2
150
–55 to +150
Unit
V
V
V
A
A
W
˚C
˚C
2SD1985
2SD1985A
2SD1985
2SD1985A
TC=25°C
Ta=25
°C
s Electrical Characteristics (T
C=25˚C)
Parameter
Collector cutoff
current
Collector cutoff
current
Emitter cutoff current
Collector to emitter
voltage
Forward current transfer ratio
Base to emitter voltage
Collector to emitter saturation voltage
Transition frequency
Turn-on time
Storage time
Fall time
Symbol
ICES
ICEO
IEBO
VCEO
hFE1
*
hFE2
VBE
VCE(sat)
fT
ton
tstg
tf
Conditions
VCE = 60V, IB = 0
VCE = 80V, IB = 0
VCE = 30V, IB = 0
VCE = 60V, IB = 0
VEB = 6V, IC = 0
IC = 30mA, IB = 0
VCE = 4V, IC = 1A
VCE = 4V, IC = 3A
VCE = 4V, IC = 3A
IC = 3A, IB = 0.375A
VCE = 5V, IC = 0.5A, f = 10MHz
IC = 1A, IB1 = 0.1A, IB2 = – 0.1A,
VCC = 50V
min
60
80
70
10
typ
30
0.5
2.5
0.4
max
200
200
300
300
1
250
1.8
1.2
Unit
µA
µA
mA
V
V
V
MHz
µs
µs
µs
2SD1985
2SD1985A
2SD1985
2SD1985A
2SD1985
2SD1985A
*h
FE1 Rank classification
Rank
Q
P
hFE1
70 to 150
120 to 250
Unit: mm
1:Base
2:Collector
3:Emitter
TO–220 Full Pack Package(a)
10.0
±0.2
5.5
±0.2
0.5
+0.2
–0.1
1.4
±0.1
1.3
±0.2
0.8
±0.1
2.54
±0.25
5.08
±0.5
2
13
2.7
±0.2
4.2
±0.2
φ3.1±0.1
Note: Ordering can be made by the common rank (PQ rank hFE = 70 to 250) in the rank classification.


Similar Part No. - 2SD1985

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SD1985 ISC-2SD1985 Datasheet
103Kb / 4P
Silicon NPN Power Transistors
logo
Savantic, Inc.
2SD1985 SAVANTIC-2SD1985 Datasheet
136Kb / 4P
Silicon NPN Power Transistors
2SD1985 SAVANTIC-2SD1985 Datasheet
137Kb / 4P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SD1985A ISC-2SD1985A Datasheet
103Kb / 4P
Silicon NPN Power Transistors
logo
Savantic, Inc.
2SD1985A SAVANTIC-2SD1985A Datasheet
136Kb / 4P
Silicon NPN Power Transistors
More results

Similar Description - 2SD1985

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SD1250 PANASONIC-2SD1250 Datasheet
48Kb / 2P
Silicon NPN triple diffusion planar type(For power amplification)
2SD1252 PANASONIC-2SD1252 Datasheet
49Kb / 2P
Silicon NPN triple diffusion planar type(For power amplification)
2SD1253 PANASONIC-2SD1253 Datasheet
49Kb / 2P
Silicon NPN triple diffusion planar type(For power amplification)
2SD1263 PANASONIC-2SD1263 Datasheet
46Kb / 2P
Silicon NPN triple diffusion planar type(For power amplification)
2SD1266 PANASONIC-2SD1266 Datasheet
47Kb / 2P
Silicon NPN triple diffusion planar type(For power amplification)
2SD1274 PANASONIC-2SD1274 Datasheet
56Kb / 3P
Silicon NPN triple diffusion planar type(For power amplification)
2SD1480 PANASONIC-2SD1480 Datasheet
46Kb / 2P
Silicon NPN triple diffusion planar type(For power amplification)
2SD1751 PANASONIC-2SD1751 Datasheet
48Kb / 2P
Silicon NPN triple diffusion planar type(For power amplification)
2SD2137 PANASONIC-2SD2137 Datasheet
54Kb / 3P
Silicon NPN triple diffusion planar type(For power amplification)
2SD2374 PANASONIC-2SD2374 Datasheet
45Kb / 2P
Silicon NPN triple diffusion planar type(For power amplification)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com