Electronic Components Datasheet Search
  English  ▼

X  

CC1352P Datasheet(PDF) 42 Page - Texas Instruments

Click here to check the latest version.
Part # CC1352P
Description  CC2652R7 SimpleLink??Multiprotocol 2.4 GHz Wireless MCU
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1352P Datasheet(HTML) 42 Page - Texas Instruments

Back Button CC1352P Datasheet HTML 38Page - Texas Instruments CC1352P Datasheet HTML 39Page - Texas Instruments CC1352P Datasheet HTML 40Page - Texas Instruments CC1352P Datasheet HTML 41Page - Texas Instruments CC1352P Datasheet HTML 42Page - Texas Instruments CC1352P Datasheet HTML 43Page - Texas Instruments CC1352P Datasheet HTML 44Page - Texas Instruments CC1352P Datasheet HTML 45Page - Texas Instruments CC1352P Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 58 page
background image
8.7 Timers
A large selection of timers are available as part of the CC2652R7 device. These timers are:
• Real-Time Clock (RTC)
A 70-bit 3-channel timer running on the 32 kHz low frequency system clock (SCLK_LF)
This timer is available in all power modes except Shutdown. The timer can be calibrated to compensate for
frequency drift when using the RCOSC_LF as the low frequency system clock. If an external LF clock with
frequency different from 32.768 kHz is used, the RTC tick speed can be adjusted to compensate for this.
When using TI-RTOS, the RTC is used as the base timer in the operating system and should thus only be
accessed through the kernel APIs such as the Clock module. The real time clock can also be read by the
Sensor Controller Engine to timestamp sensor data and also has dedicated capture channels. By default, the
RTC halts when a debugger halts the device.
• General Purpose Timers (GPTIMER)
The four flexible GPTIMERs can be used as either 4× 32 bit timers or 8× 16 bit timers, all running on up to 48
MHz. Each of the 16- or 32-bit timers support a wide range of features such as one-shot or periodic counting,
pulse width modulation (PWM), time counting between edges and edge counting. The inputs and outputs of
the timer are connected to the device event fabric, which allows the timers to interact with signals such as
GPIO inputs, other timers, DMA and ADC. The GPTIMERs are available in Active and Idle power modes.
• Sensor Controller Timers
The Sensor Controller contains 3 timers:
AUX Timer 0 and 1 are 16-bit timers with a 2N prescaler. Timers can either increment on a clock or on each
edge of a selected tick source. Both one-shot and periodical timer modes are available.
AUX Timer 2 is a 16-bit timer that can operate at 24 MHz, 2 MHz or 32 kHz independent of the Sensor
Controller functionality. There are 4 capture or compare channels, which can be operated in one-shot or
periodical modes. The timer can be used to generate events for the Sensor Controller Engine or the ADC, as
well as for PWM output or waveform generation.
• Radio Timer
A multichannel 32-bit timer running at 4 MHz is available as part of the device radio. The radio timer is
typically used as the timing base in wireless network communication using the 32-bit timing word as the
network time. The radio timer is synchronized with the RTC by using a dedicated radio API when the device
radio is turned on or off. This ensures that for a network stack, the radio timer seems to always be running
when the radio is enabled. The radio timer is in most cases used indirectly through the trigger time fields in
the radio APIs and should only be used when the accurate 48 MHz high frequency crystal is the source of
SCLK_HF.
• Watchdog timer
The watchdog timer is used to regain control if the system operates incorrectly due to software errors. It is
typically used to generate an interrupt to and reset of the device for the case where periodic monitoring of the
system components and tasks fails to verify proper functionality. The watchdog timer runs on a 1.5 MHz clock
rate and cannot be stopped once enabled. The watchdog timer pauses to run in Standby power mode and
when a debugger halts the device.
CC2652R7
SWRS253 – MAY 2021
www.ti.com
42
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: CC2652R7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com