Electronic Components Datasheet Search
  English  ▼

X  

ADMV7420 Datasheet(PDF) 13 Page - Analog Devices

Part # ADMV7420
Description  E-Band Low Noise Downconverter SiP, 81 GHz to 86 GHz
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV7420 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADMV7420 Datasheet HTML 9Page - Analog Devices ADMV7420 Datasheet HTML 10Page - Analog Devices ADMV7420 Datasheet HTML 11Page - Analog Devices ADMV7420 Datasheet HTML 12Page - Analog Devices ADMV7420 Datasheet HTML 13Page - Analog Devices ADMV7420 Datasheet HTML 14Page - Analog Devices ADMV7420 Datasheet HTML 15Page - Analog Devices ADMV7420 Datasheet HTML 16Page - Analog Devices ADMV7420 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
Data Sheet
ADMV7420
Rev.
A | Page 13 of 25
TA = 25°C, IF = 0.5 GHz, RFIN = −20 dBm combined, LO power = +4 dBm, and upper sideband selected, unless otherwise noted.
18
4
6
8
10
12
14
16
81.0
86.0
85.0
84.0
85.5
84.5
83.5
83.0
82.5
82.0
81.5
RF FREQUENCY (GHz)
+85°C
+25°C
–40°C
Figure 39. Conversion Gain vs. RF Frequency over Temperature
81.0
86.0
85.0
84.0
85.5
84.5
83.5
83.0
82.5
82.0
81.5
RF FREQUENCY (GHz)
+85°C
+25°C
–40°C
50
45
40
35
30
25
0
5
10
15
20
Figure 40. Image Rejection vs. RF Frequency over Temperature
10
8
6
4
2
0
–10
–8
–6
–4
–2
81.0
86.0
85.0
84.0
85.5
84.5
83.5
83.0
82.5
82.0
81.5
RF FREQUENCY (GHz)
+85°C
+25°C
–40°C
Figure 41. Input IP3 vs. RF Frequency over Temperature
18
4
6
0
2
8
10
12
14
16
81.0
86.0
85.0
84.0
85.5
84.5
83.5
83.0
82.5
82.0
81.5
RF FREQUENCY (GHz)
0dBm
2dBm
4dBm
6dBm
8dBm
Figure 42. Conversion Gain vs. RF Frequency over LO Power
50
45
40
35
30
25
0
5
10
15
20
81.0
86.0
85.0
84.0
85.5
84.5
83.5
83.0
82.5
82.0
81.5
RF FREQUENCY (GHz)
0dBm
2dBm
4dBm
6dBm
8dBm
Figure 43. Image Rejection vs. RF Frequency over LO Power
10
8
6
4
2
0
–10
–8
–6
–4
–2
81.0
86.0
85.0
84.0
85.5
84.5
83.5
83.0
82.5
82.0
81.5
RF FREQUENCY (GHz)
0dBm
2dBm
4dBm
6dBm
8dBm
Figure 44. Input IP3 vs. RF Frequency over LO Power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com