Electronic Components Datasheet Search
  English  ▼

X  

ADRF5045 Datasheet(PDF) 7 Page - Analog Devices

Part # ADRF5045
Description  9 kHz to 30 GHz, Silicon, SP4T Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5045 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADRF5045 Datasheet HTML 3Page - Analog Devices ADRF5045 Datasheet HTML 4Page - Analog Devices ADRF5045 Datasheet HTML 5Page - Analog Devices ADRF5045 Datasheet HTML 6Page - Analog Devices ADRF5045 Datasheet HTML 7Page - Analog Devices ADRF5045 Datasheet HTML 8Page - Analog Devices ADRF5045 Datasheet HTML 9Page - Analog Devices ADRF5045 Datasheet HTML 10Page - Analog Devices ADRF5045 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Data Sheet
ADRF5045
Rev. A | Page 7 of 14
TYPICAL PERFORMANCE CHARACTERISTICS
INSERTION LOSS, RETURN LOSS, AND ISOLATION
Insertion loss and return loss measured on the probe matrix board using ground signal ground (GSG) probes close to the RFx pins;
isolation measured on the evaluation board because signal coupling between the probes limits the isolation performance of the
ADRF5045 on the probe matrix board.
0
–5.0
–4.5
–4.0
–3.5
–3.0
–2.5
–2.0
–1.5
–1.0
–0.5
0
5
10
15
20
25
30
35
40
FREQUENCY (GHz)
RF1
RF2
RF3
RF4
Figure 7. Insertion Loss vs. Frequency for RF1, RF2, RF3, and RF4
0
–40
–35
–30
–25
–20
–15
–10
–5
0
5
10
15
20
25
30
35
40
FREQUENCY (GHz)
Figure 8. Return Loss vs. Frequency for RFC
0
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
5
10
15
20
25
30
35
40
FREQUENCY (GHz)
RFC TO RF2
RFC TO RF3
RFC TO RF4
Figure 9. Isolation vs. Frequency, RFC to RF1 On
0
–5.0
–4.5
–4.0
–3.5
–3.0
–2.5
–2.0
–1.5
–1.0
–0.5
0
5
10
15
20
25
30
35
40
FREQUENCY (GHz)
+85°C
+25°C
–40°C
Figure 10. Insertion Loss vs. Frequency over Various Temperatures
Between RFC and RF1
0
–40
–35
–30
–25
–20
–15
–10
–5
0
5
10
15
20
25
30
35
40
FREQUENCY (GHz)
ON
OFF
Figure 11. Return Loss vs. Frequency for RF1, RF2, RF3, and RF4
0
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
5
10
15
20
25
30
35
40
FREQUENCY (GHz)
RFC TO RF1
RFC TO RF3
RFC TO RF4
Figure 12. Isolation vs. Frequency, RFC to RF2 On



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com