Electronic Components Datasheet Search
  English  ▼

X  

ADRF6614 Datasheet(PDF) 13 Page - Analog Devices

Part # ADRF6614
Description  700 MHz to 3000 MHz, Dual Passive Receive Mixer with Integrated PLL and VCO
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6614 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADRF6614 Datasheet HTML 9Page - Analog Devices ADRF6614 Datasheet HTML 10Page - Analog Devices ADRF6614 Datasheet HTML 11Page - Analog Devices ADRF6614 Datasheet HTML 12Page - Analog Devices ADRF6614 Datasheet HTML 13Page - Analog Devices ADRF6614 Datasheet HTML 14Page - Analog Devices ADRF6614 Datasheet HTML 15Page - Analog Devices ADRF6614 Datasheet HTML 16Page - Analog Devices ADRF6614 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 61 page
background image
Data Sheet
ADRF6614
Rev. 0 | Page 13 of 61
TYPICAL PERFORMANCE CHARACTERISTICS
MIXER, HIGH PERFORMANCE MODE
TA = 25°C, fRF = 1900 MHz, fLO = 1697 MHz, ZO = 50 Ω, fREF = 122.88 MHz, fREF power = 4 dBm, low-side LO injection, optimum RFB and
LPF settings, unless otherwise noted. For integer mode: fPFD = 1.536 MHz, CSCALE = 8 mA, bleed = 0 µA, ABLDLY = 0.9 ns. For fractional
mode: fPFD = 30.72 MHz, CSCALE = 250 µA, bleed = 93.75 µA, ABLDLY = 0.0 ns.
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
700
900 1100 1300 1500 1700 1900 2100 2300 2500 2700 2900
RF FREQUENCY (MHz)
TA = –40°C, HIGH-SIDE LO
TA = +25°C, HIGH-SIDE LO
TA = +85°C, HIGH-SIDE LO
TA = –40°C, LOW-SIDE LO
TA = +25°C, LOW-SIDE LO
TA = +85°C, LOW-SIDE LO
Figure 4. Power Dissipation vs. RF Frequency over Three Temperatures
4.0
4.5
5.0
5.5
6.0
6.5
7.0
7.5
8.0
8.5
9.0
9.5
10.0
10.5
11.0
700
900 1100 1300 1500 1700 1900 2100 2300 2500 2700 2900
RF FREQUENCY (MHz)
TA = –40°C, HIGH-SIDE LO
TA = +25°C, HIGH-SIDE LO
TA = +85°C, HIGH-SIDE LO
TA = –40°C, LOW-SIDE LO
TA = +25°C, LOW-SIDE LO
TA = +85°C, LOW-SIDE LO
Figure 5. Power Conversion Gain vs. RF Frequency over Three Temperatures,
IF Balun and Board Loss Removed
10
12
14
16
18
20
22
24
26
28
30
32
34
36
38
40
700
900 1100 1300 1500 1700 1900 2100 2300 2500 2700 2900
RF FREQUENCY (MHz)
TA = –40°C, HIGH-SIDE LO
TA = +25°C, HIGH-SIDE LO
TA = +85°C, HIGH-SIDE LO
TA = –40°C, LOW-SIDE LO
TA = +25°C, LOW-SIDE LO
TA = +85°C, LOW-SIDE LO
Figure 6. Input IP3 vs. RF Frequency over Three Temperatures
30
35
40
45
50
55
60
65
70
75
80
85
90
700
900 1100 1300 1500 1700 1900 2100 2300 2500 2700 2900
RF FREQUENCY (MHz)
TA = –40°C, HIGH-SIDE LO
TA = +25°C, HIGH-SIDE LO
TA = +85°C, HIGH-SIDE LO
TA = –40°C, LOW-SIDE LO
TA = +25°C, LOW-SIDE LO
TA = +85°C, LOW-SIDE LO
Figure 7. Input IP2 vs. RF Frequency over Three Temperatures
5
7
9
11
13
15
700
900 1100 1300 1500 1700 1900 2100 2300 2500 2700 2900
RF FREQUENCY (MHz)
TA = –40°C, HIGH-SIDE LO
TA = +25°C, HIGH-SIDE LO
TA = +85°C, HIGH-SIDE LO
TA = –40°C, LOW-SIDE LO
TA = +25°C, LOW-SIDE LO
TA = +85°C, LOW-SIDE LO
Figure 8. Input P1dB vs. RF Frequency over Three Temperatures
8
9
10
11
12
13
14
15
16
17
18
700
900 1100 1300 1500 1700 1900 2100 2300 2500 2700 2900
RF FREQUENCY (MHz)
–40°C LOCKED
–40°C EXTERNAL LO
+25°C LOCKED
+25°C EXTERNAL LO
+85°C LOCKED
+85°C EXTERNAL LO
Figure 9. SSB Noise Figure vs. RF Frequency over Three Temperatures



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com