Electronic Components Datasheet Search
  English  ▼

X  

M1613 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # M1613
Description  Timer with Dialer Interface
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

M1613 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  M1613 Datasheet HTML 1Page - List of Unclassifed Manufacturers M1613 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Timer with Dialer Interface
2/2
2001/9/11
LCD
M1613
TAIPEI : TEL : 886-2- 22783733
FAX : 886-2- 22783633
H.K.
: TEL : 852-
27569109
FAX : 852-
27566961
一華半導體股份有限公司
MOSDESIGN SEMICONDUCTOR CORP.
M1613
2.9 x2.7mm 2
底
底
底
底=VDD
8/10-Digit
SEG28
SEG29
COM2
SEG30
HK
VDD
S2
32768Hz
INT
SEG14
SEG13
SEG12
SEG11
SEG10
SEG9
SEG8
SEG7
SEG6
SEG5
SEG4
SEG3
SEG2
SEG1
COM3
COM1
8050
TIMER
12/24
S2
D1
VA
SK
RES
EPN
ACT
104
VB
104
VC VDD
RT
HFO DO
PO
HKS
CLOCK
HF1
Dialer
VDD
Tip
1A bridge
Ring
1N4148 x 6
47K
Hook off
33K
Hook on
330K
8050
1u
47K
100K
20K
HF1
220K
47K
270K
10M
A42
2.7K
A92
203
10V
100K
VSS
330u
5.1V



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com