Electronic Components Datasheet Search
  English  ▼

X  

MAX7321ASE Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX7321ASE
Description  I2C Port Expander with 8 Open-Drain I/Os
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7321ASE Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX7321ASE Datasheet HTML 9Page - Maxim Integrated Products MAX7321ASE Datasheet HTML 10Page - Maxim Integrated Products MAX7321ASE Datasheet HTML 11Page - Maxim Integrated Products MAX7321ASE Datasheet HTML 12Page - Maxim Integrated Products MAX7321ASE Datasheet HTML 13Page - Maxim Integrated Products MAX7321ASE Datasheet HTML 14Page - Maxim Integrated Products MAX7321ASE Datasheet HTML 15Page - Maxim Integrated Products MAX7321ASE Datasheet HTML 16Page - Maxim Integrated Products MAX7321ASE Datasheet HTML 17Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
V+ to assert a logic high on any I/O port. For example,
a MAX7321 operating from a +5V supply may not rec-
ognize a +3.3V nominal logic high. One solution for
input-level translation is to drive MAX7321 I/Os from
open-drain outputs. Use a pullup resistor to V+ or a
higher supply to ensure a high logic voltage of greater
than 0.7 x V+.
Port-Output Port-Level Translation
The open-drain output architecture allows for level
translation to higher or lower voltages than the
MAX7321’s supply. Use an external pullup resistor on
any output to convert the high-impedance logic-high
condition to a positive voltage level. The resistor can be
connected to any voltage up to +6V, and the resistor
value chosen to ensure no more than 20mA is sunk in
the logic-low condition. For interfacing CMOS inputs, a
pullup resistor value of 220k
Ω is a good starting point.
Use a lower resistance to improve noise immunity, in
applications where power consumption is less critical,
or where a faster rise time is needed for a given capac-
itive load.
Hot Insertion
RST, SCL, SDA, AD0, and AD2 and the P0–P7 I/Os
remain high impedance with up to +6V asserted on
them when the MAX7321 is powered down (V+ = 0).
The MAX7321 can therefore be used in hot-swap appli-
cations.
Each of the I/O P0–P7 has a protection diode to GND
(Figure 10). When a port is driven to a voltage lower
than GND, the protection diode clamps the voltage to a
diode drop below GND.
I2C Port Expander with 8 Open-Drain I/Os
______________________________________________________________________________________
13
D
S
G
S
D
G
PORT
PULLUP
ENABLE
INPUT
OUTPUT
40k
Ω
MAX7321
V+
V+
Figure 10. MAX7321 Input Port Structure
I2C
CONTROL
P0
P3
P2
P1
P4
P5
P6
P7
INT
I/O
PORTS
GND
POWER-
ON RESET
INPUT
FILTER
V+
RST
SDA
SCL
AD2
AD0
MAX7321
Functional Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com