Electronic Components Datasheet Search
  English  ▼

X  

MAX77950 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX77950
Description  WPC/PMA Dual Mode Wireless Power Receiver
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX77950 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX77950 Datasheet HTML 1Page - Maxim Integrated Products MAX77950 Datasheet HTML 2Page - Maxim Integrated Products MAX77950 Datasheet HTML 3Page - Maxim Integrated Products MAX77950 Datasheet HTML 4Page - Maxim Integrated Products MAX77950 Datasheet HTML 5Page - Maxim Integrated Products MAX77950 Datasheet HTML 6Page - Maxim Integrated Products MAX77950 Datasheet HTML 7Page - Maxim Integrated Products MAX77950 Datasheet HTML 8Page - Maxim Integrated Products MAX77950 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 53 page
background image
General Description
The MAX77950 is an advanced wireless power receiver
IC that meets the specification requirements for WPC
low-power (v1.2) and PMA SR1 (v2.0) communication
protocols. This device operates using near-field magnetic
induction when coupled with a WPC or PMA transmitter
and provides output power up to 12 watts.
The IC has precision output current and voltage-sensing
scheme over the entire load range. It enables accurate
received power packets, as defined in the WPC specifications
for best foreign object detection (FOD). The IC supports
FSK demodulation to receive PMA advertisement ID as
well as WPC FSK packets.
The IC features the patent-pending PeerPower
™ function.
In PeerPower mode, the IC operates as a transmitter,
enabling power transfer to another peer device through
in-band ASK communications.
The MAX77950 communicates with an application pro-
cessor through an I²C serial interface. The status of power
transfer and alerts are read through this interface.
Applications
● Smartphones
● Tablets
● Smart Watches
● Headsets
● Wearable Devices
● Battery-Power Banks
● Wi-Fi Hotspots
● Digital Cameras
● Portable Medical Applications
● Portable Media Players
● Point-of-Sale Devices
● Handheld Devices
Ordering Information appears at end of data sheet.
PeerPower is a trademark of Maxim Integrated Products, Inc.
19-100003; Rev 0; 3/17
Benefits and Features
● WPC/PMA Dual Mode Wireless Power Receiver
● Compliant with WPC Low Power (v1.2) and PMA
SR1 (v2.0)
● Peer-to-Peer Power Transmission with In-Band ASK
Communications
● WPC ASK Demodulator/FSK Demodulator
● Output Programmable Range from 3.5V to 12.7V
with 100mV Step
● Integrated High-Efficiency n-Channel Full-Bridge
Synchronous Rectifier
● Programmable Foreign Object Detection
● Programmable Dynamic Rectifier-Voltage Scaling
● Overvoltage, Overcurrent, and Overtemperature
Protection
MAX77950
WPC/PMA Dual Mode Wireless Power Receiver
EVALUATION KIT AVAILABLE


Similar Part No. - MAX77950

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX77950 MAXIM-MAX77950 Datasheet
3Mb / 16P
Wireless power transmitter with WPC/PMA compliance
319-100007; Rev 0; 3/17
MAX77950EVKIT MAXIM-MAX77950EVKIT Datasheet
3Mb / 16P
Wireless power transmitter with WPC/PMA compliance
319-100007; Rev 0; 3/17
MAX77950EVKIT# MAXIM-MAX77950EVKIT# Datasheet
3Mb / 16P
Wireless power transmitter with WPC/PMA compliance
319-100007; Rev 0; 3/17
More results

Similar Description - MAX77950

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ51003 TI1-BQ51003 Datasheet
2Mb / 34P
Highly Integrated Wireless Receiver Qi (WPC v1.1) Compliant Power Supply
BQ51010B TI1-BQ51010B Datasheet
1Mb / 33P
Highly Integrated Wireless Receiver Qi (WPC V1.1) Compliant Power Supply
logo
Richtek Technology Corp...
RT1650 RICHTEK-RT1650 Datasheet
1Mb / 26P
Wireless Power Receiver Compliant with WPC
logo
STMicroelectronics
STWLC03 STMICROELECTRONICS-STWLC03 Datasheet
469Kb / 5P
Dual mode Qi/PMA wireless power receiver
05-Jun-2015
logo
Integrated Device Techn...
P9028AC IDT-P9028AC Datasheet
2Mb / 38P
Dual-Mode WPC/PMA 5 Watt Wireless Power Receiver IC
P9225-R IDT-P9225-R Datasheet
1,010Kb / 34P
Dual-Mode Wireless Power Receiver
logo
Maxim Integrated Produc...
MAX77950EVKIT MAXIM-MAX77950EVKIT Datasheet
3Mb / 16P
Wireless power transmitter with WPC/PMA compliance
319-100007; Rev 0; 3/17
logo
Kinetic Technologies.
KTE7000 KINETIC-KTE7000 Datasheet
207Kb / 2P
5W Wireless Power Receiver for WPC/Qi BPP
March 2022 - Revision 04d
KTE7001 KINETIC-KTE7001 Datasheet
207Kb / 2P
15W Wireless Power Receiver for WPC/Qi BPP/EPP
September 2021 - Revision 04d
logo
Renesas Technology Corp
P9028AC RENESAS-P9028AC Datasheet
2Mb / 39P
Dual-Mode WPC/PMA 5 Watt Wireless Power Receiver IC
Mar 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com