Electronic Components Datasheet Search
  English  ▼

X  

LCNA Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # LCNA
Description  Power Transducer Series L-UNIT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

LCNA Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  LCNA Datasheet HTML 1Page - M-System Co.,Ltd. LCNA Datasheet HTML 2Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MODEL: LCNA
http://www.m-system.co.jp/
LCNA SPECIFICATIONS
ES-1972 Rev.12 Page 1/2
Power Transducer Series L-UNIT
CT TRANSDUCER
(self-powered, average sensing, RMS calibrated)
Functions & Features
• Converting an alternating current from a current
transformer into a standard process signal
• Minimum ripple
• No auxiliary power source required
• Isolation up to 2000 V AC
• High-density mounting
Typical Applications
• Centralized monitoring and control of motors, pumps or
heaters by DCS
• Monitoring power line and power supply current
75
(2.95)
112
(4.41)
75
(2.95)
mm (inch)
MODEL: LCNA–[1][2][3]
ORDERING INFORMATION
• Code number: LCNA–[1][2][3]
Specify a code from below for each [1] through [3].
(e.g. LCNA-55/Q)
• Specify the specification for option code /Q
(e.g. /C01/S01)
[1] INPUT
Current
1: 0 – 1 A AC (used within 0.1 – 1 A)
5: 0 – 5 A AC (used within 0.5 – 5 A)
[2] OUTPUT
Current
G: 0 – 1 mA DC (Load resistance 5000 Ω max.)
Voltage
3: 0 – 1 V DC (Load resistance 2000 Ω min.)
4: 0 – 10 V DC (Load resistance 20 kΩ min.)
5: 0 – 5 V DC (Load resistance 10 kΩ min.)
[3] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
TERMINAL SCREW MATERIAL
/S01: Stainless steel
GENERAL SPECIFICATIONS
Construction: Stand-alone; terminal access at the front
Connection: M3.5 screw terminals (torque 0.8 N·m)
Screw terminal: Nickel-plated steel (standard) or stainless
steel
Housing material: Flame-resistant resin (black)
Isolation: Input to output
Input waveform: Sine wave
Overrange output: 10 – 120 % at 0 – 5 V
Span adjustment: 95 to 105 % (front)
INPUT SPECIFICATIONS
Frequency: 50 or 60 Hz
Input burden: 2 VA
Overload capacity: 1000 % of rating for 3 sec., 200 % for 10
sec., 120 % continuous
Operational range: 10 – 120 % of rating
OUTPUT SPECIFICATIONS
■ OPERATION DIAGRAM
50
100
IN %
0
50
OUT %
100
10
0
Note: The described accuracy is not assured within 0 – 10%
of the rating, though output signal exists.
INSTALLATION
Operating temperature: -10 to +55°C (14 to 131°F)
Operating humidity: 30 to 85 %RH (non-condensing)
Mounting: Surface or DIN rail
Weight: 200 g (0.44 lb)


Similar Part No. - LCNA

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
LCN-C01B CITIZEN-LCN-C01B Datasheet
834Kb / 16P
This product (LCN) is comprised of two different CCTs, and is to be driven using the 4 terminals
LCN-C02B CITIZEN-LCN-C02B Datasheet
849Kb / 16P
This product (LCN) is comprised of two different CCTs, and is to be driven using the 4 terminals which are shown in Page 5
logo
List of Unclassifed Man...
LCN6-14 ETC2-LCN6-14 Datasheet
33Kb / 2P
Long Barrel Copper Lug T&B Catalog Number
logo
GAPTEC Electronic GmbH ...
LCN78 GAPTEC-LCN78 Datasheet
356Kb / 2P
Wide Input Non-Isolated & Regulated, Single Output
LCN78_0.5 GAPTEC-LCN78_0.5 Datasheet
356Kb / 2P
Wide Input Non-Isolated & Regulated, Single Output
More results

Similar Description - LCNA

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
L2CE MSYSTEM-L2CE Datasheet
102Kb / 3P
Power Transducer Series L-UNIT
L2PA MSYSTEM-L2PA Datasheet
104Kb / 3P
Power Transducer Series L-UNIT
L2PNA MSYSTEM-L2PNA Datasheet
107Kb / 3P
Power Transducer Series L-UNIT
LDPE MSYSTEM-LDPE Datasheet
109Kb / 3P
Power Transducer Series L-UNIT
LPNE MSYSTEM-LPNE Datasheet
104Kb / 2P
Power Transducer Series L-UNIT
LPE MSYSTEM-LPE Datasheet
104Kb / 3P
Power Transducer Series L-UNIT
LPCE MSYSTEM-LPCE Datasheet
113Kb / 3P
Power Transducer Series L-UNIT
LPAUN MSYSTEM-LPAUN Datasheet
111Kb / 3P
Power Transducer Series L-UNIT
LPAN MSYSTEM-LPAN Datasheet
109Kb / 3P
Power Transducer Series L-UNIT
LWTN MSYSTEM-LWTN Datasheet
146Kb / 5P
Power Transducer Series L-UNIT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com