Electronic Components Datasheet Search
  English  ▼

X  

ES2MA Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # ES2MA
Description  2.0AMP Glass Passivated Super Fast Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

ES2MA Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  ES2MA Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd ES2MA Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
 
ES2MA
.0AMP Glass Passivated Super Fast Rectifiers
Features
SMA
◇
High efficiency,low VF
◇
High current capability
◇
High reliability
◇
High surge current capability
◇
Low power loss
◇
Low power loss,high effiency
◇
High current capability
◇
For use in low voltagek,high frequency inventor,free
Wheeling,and polarity protection application.
Mechanical Data
◇
Case:Molded plastic
◇
Epoxy:UL 94V-0 rated flame retardant
◇
Polarity:Color band denotes cathode
◇
High temperature soldering guaranteed:
260℃/10 seconds/.375”,(9.5mm) lead
Lengths at 5 lbs.,(2.3kg) tension
◇
Mounting position:ANY
◇
Weight:0.260 gram
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Ratings at 25℃ ambient tepmerature unless otherwise specified.
Single phase,half wave,60Hz,resistive or inductive load.
For capacitive load,derate current by 20%
Type Number
Symbol
ES2MA
UNITS
Maximum Recurrent Peak Reverse Voltage
VRRM
1000
V
Maximum RMS voltage
VRMS
700
V
Maximum DC blocking voltage
VDC
1000
V
Maximum Average Forward Rectified
Current .375(9.5mm ) Lead Length @TA=55℃
IF(AV)
2.0
A
Peak Forward Surge Current, 8.3ms Single
Half
Sine-wave Superimposed on Rated Load(JEDEC
method)
IFSM
50
A
Maximum Instantaneous Forward Voltage @1.0A
VF
1.7
V
Maximum DC Reverse current @TA=25℃
at Rated DC Blocking Voltage @ TA=125℃
IR
5.0
350
μ
A
Maximum Reverse Recovery Time(Note1)
Trr
75
nS
Typical junction capacitance: VR=5.0v,f=1MHz
CJ
30
pF
Operating temperature range
TJ
-55 to +150
℃
Storage temperature range
TSTG
-55 to +150
℃
Notes: 1.Reverse Recovery Test Conditions:IF=0.5A,IR=1.0A,IRR=0.25A
2.Measured at 1MHz and Applied Reverse Voltage of 4.0V D.C.
3.Mount on Cu-Pad Size 5mm x 5mm on PCB.
ht
t
p
:
//
www.lgesemi.com
mail:lge@lgesemi.com
Revision:201
70701-P1


Similar Part No. - ES2MA

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
ES2MA GOOD-ARK-ES2MA Datasheet
149Kb / 2P
Super Fast Surface Mount Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 2.0 Amperes
logo
Microdiode Semiconducto...
ES2MA CHENDA-ES2MA Datasheet
495Kb / 3P
SURFACE MOUNT SUPER FAST RECTIFIER
logo
First Silicon Co., Ltd
ES2MA FS-ES2MA Datasheet
216Kb / 3P
REVERSE VOLTGE 50V~1000V FORWARD CURRENT 2.0AMP SUPER FAST RECOVERY RECTIFIER
More results

Similar Description - ES2MA

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
STPR805DB LITEON-STPR805DB Datasheet
37Kb / 2P
SUPER FAST GLASS PASSIVATED RECTIFIERS
logo
SeCoS Halbleitertechnol...
GBJ2005 SECOS-GBJ2005 Datasheet
301Kb / 2P
2.0AMP Glass Passivated Bridge Rectifiers
SF21 SECOS-SF21 Datasheet
417Kb / 2P
2.0AMP Super Fast Rectifiers
logo
Shenzhen Luguang Electr...
FR201G LUGUANG-FR201G Datasheet
179Kb / 2P
2.0AMP. Glass Passivated Fast Recovery Rectifiers
logo
First Components Intern...
SFS21G FCI-SFS21G Datasheet
613Kb / 2P
2.0Amp Glass Passivated SUPER FAST PLASTIC RECTIFIERS
logo
Cystech Electonics Corp...
SF27G CYSTEKEC-SF27G Datasheet
241Kb / 3P
2.0Amp. Glass Passivated Super Fast Rectifiers
logo
Taiwan Semiconductor Co...
SF11G TSC-SF11G_14 Datasheet
377Kb / 4P
Glass Passivated Super Fast Rectifiers
logo
Shenzhen Luguang Electr...
2A07G LUGUANG-2A07G Datasheet
1Mb / 2P
2.0AMP. Glass Passivated Rectifiers
logo
Microdiode Semiconducto...
SF501ET CHENDA-SF501ET Datasheet
1Mb / 4P
SUPER FAST GLASS PASSIVATED RECTIFIERS
logo
Shenzhen Luguang Electr...
ES2MB LUGUANG-ES2MB Datasheet
1Mb / 2P
2.0AMP Glass Passivated Super Fast Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com