Electronic Components Datasheet Search
  English  ▼

X  

SAJ2 Datasheet(PDF) 3 Page - TE Connectivity Ltd

Part # SAJ2
Description  Snap Action Switches
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

SAJ2 Datasheet(HTML) 3 Page - TE Connectivity Ltd

  SAJ2 Datasheet HTML 1Page - TE Connectivity Ltd SAJ2 Datasheet HTML 2Page - TE Connectivity Ltd SAJ2 Datasheet HTML 3Page - TE Connectivity Ltd SAJ2 Datasheet HTML 4Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SAJ
Series – Snap Action Switches
2351450 Rev A
11/2019
Dimensions in
millimetres unless
otherwise specified
Dimensions Shown for
reference purposes only.
Specifications subject to
change
For Email, phone or live chat,
go to: www.te.com/help
Mechanical Measurements
TE Smart art Number: SAJ25YXWHL147SDTSEQ
TE Smart Part Number: SAJ25YXUL1147SDTSEQ
Operation Characteristics
Operating Force (OF)
50gf (0.49N) MAX.
Release Force (RF)
60gf (0.06N) MIN.
Overtravel (OT)
1.20mm MIN.
Movement Differential (MD)
0.80mm MAX.
Operating Position (OP)
14.5 + 0.8 mm
Free Position (FP)
19.3mm MAX.
Operation Characteristics
Operating Force (OF)
50gf (0.49N) MAX.
Release Force (RF)
60gf (0.06N) MIN.
Overtravel (OT)
1.20mm MIN.
Movement Differential (MD)
0.80mm MAX.
Operating Position (OP)
12.5 + 0.8 mm
Free Position (FP)
16mm MAX.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com