Electronic Components Datasheet Search
  English  ▼

X  

FML345B Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # FML345B
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

FML345B Datasheet(HTML) 1 Page - Rectron Semiconductor

  FML345B Datasheet HTML 1Page - Rectron Semiconductor FML345B Datasheet HTML 2Page - Rectron Semiconductor FML345B Datasheet HTML 3Page - Rectron Semiconductor FML345B Datasheet HTML 4Page - Rectron Semiconductor FML345B Datasheet HTML 5Page - Rectron Semiconductor FML345B Datasheet HTML 6Page - Rectron Semiconductor FML345B Datasheet HTML 7Page - Rectron Semiconductor FML345B Datasheet HTML 8Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
VOLTAGE 45 Volts CURRENT 3.0 Amperes
FML345B
Dimensions in inches and (millimeters)
DO-214AA
0.083 (2.11)
0.077 (1.96)
0.155 (3.94)
0.130 (3.30)
0.180 (4.57)
0.160 (4.06)
0.096 (2.44)
0.084 (2.13)
0.060 (1.52)
0.030 (0.76)
0.220 (5.59)
0.205 (5.21)
0.012 (0.305)
0.006 (0.152)
0.008 (0.203)
0.004 (0.102)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, resistive or inductive load.
FEATURES
* Epoxy: Device has UL flammability classification 94V-O
MECHANICAL DATA
*
Low Profile Design for Smart Phone Charger
*
Ideal for SMT Mounting
*
High Forward Surge Capability
*
Low Forward Voltage Drop
*
Excellent High Temperature Stability
* Weight: 0.086 grams (approximate)
MAXIMUM RATINGS (@ TA=25 OC unless otherwise noted)
ELECTRICAL CHARACTERISTICS(@TA=25 OC unless otherwise noted)
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
@ TT=100
oC
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
SYMBOL
VRRM
VDC
IFSM
TSTG
VRMS
UNITS
Volts
Volts
Volts
Amps
3.0
90
Amps
0 C
Storage Temperature Range
IO
-55 to + 125
Operating Temperature Range
TJ
-55 to + 150
0 C
Total Capacitance
CT
75
pF
Thermal Resistance Junction to Ambient
Thermal Resistance Junction to Soldering
R JA
R JS
58
0 C/W
0 C/ W
20
NOTES : 1. Measured at 1 MHz and applied reverse voltage of 10 volts.
2016-07
REV: O
CHARACTERISTICS
Maximum Average Reverse Current
at Rated DC Blocking Voltage
VF
SYMBOL
IR
Maximum Instantaneous Forward Voltage at 3.0A DC
Volts
1.5
@TA = 25
oC
mAmps
UNITS
2. “Fully ROHS compliant”, “100% Sn plating (Pb-free)”.
3.Available for IR reflow & wave soldering
0.45
FML345B
45
32
45
FML345B
@TA = 80
oC
60
33.6


Similar Part No. - FML345B

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FML345BF RECTRON-FML345BF Datasheet
80Kb / 4P
Surface Mount Schottky Barrier Rectifier
More results

Similar Description - FML345B

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
SeCoS Halbleitertechnol...
SCS402D SECOS-SCS402D Datasheet
324Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SR502 TAYCHIPST-SR502 Datasheet
9Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
MB18F PANJIT-MB18F Datasheet
237Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Zowie Technology Corpor...
SC32 ZOWIE-SC32 Datasheet
135Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Rectron Semiconductor
2SS20L RECTRON-2SS20L_09 Datasheet
370Kb / 6P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Semiconducto...
SK102 CHENDA-SK102 Datasheet
155Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com