Electronic Components Datasheet Search
  English  ▼

X  

FML545BF Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # FML545BF
Description  Surface Mount Schottky Barrier Rectifier Reverse Voltage
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

FML545BF Datasheet(HTML) 1 Page - Rectron Semiconductor

  FML545BF Datasheet HTML 1Page - Rectron Semiconductor FML545BF Datasheet HTML 2Page - Rectron Semiconductor FML545BF Datasheet HTML 3Page - Rectron Semiconductor FML545BF Datasheet HTML 4Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Surface Mount Schottky Barrier Rectifier
Reverse Voltage - 45V Forward Current - 5.0A
FEATURES
• Metal silicon junction, majority carrier conduction
• For surface mounted applications
• Low power loss, high efficiency
• High forward surge current capability
• For use in low voltage, high frequency inverters,
free wheeling, and polarity pr tection applications
MECHANICAL DATA
pprox. Weight: 5
• Case: SMBF
• Terminals: Solderable per MIL-STD-750, Method 2026
• A
7mg / 0.002oz
P
PINNING
PIN
1
2
DESCRIPTION
Cathode
Anode
Simplified outline SMBF and symbol
1
2
Ratings at 25
ambient temperature unless otherwise specified.
Single phase half-wave 60 Hz, resistive or inductive load, for capacitive load current derate by 20 %.
C
Maximum DC Blocking Voltage
Peak Forward Surge Current 8.3 ms Single Half
Sine Wave Superimposed on Rated Load
Maximum Instantaneous Forward Voltage at 5 A
Parameter
Maximum Repetitive Peak Reverse Voltage
Maximum RMS voltage
Maximum Average Forward Rectified Current
at T = 100 C
c
Maximum DC Reverse Current
T = 25 C
a
at Rated DC Blocking Voltage
T =100 C
a
VRRM
VRMS
VDC
IF(AV)
IFSM
VF
IR
Symbols
V
V
V
5
150
1
50
800
A
A
V
mA
Maximum Ratings and Electrical characteristics
Units
Typical Thermal Resistance
R JA
37
C/W
0.45
1
2
45
32
45
Typical Junction Capacitance
pF
Cj
Storage Temperature Range
Tstg
-55 ~ +150
C
Operating Junction Temperature Range
-55 ~ +150
C
Tj
Measured at 1 MHz and applied reverse voltage of 4 V D.C
2
1
P.C.B. mounted with 2.0" X 2.0" (5 X 5 cm) copper pad areas.
FML545BF
Typical Cu rrent Square Time
I2T
A2 S
93.37
2016-09
REV:O17
FML545BF


Similar Part No. - FML545BF

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FML545 RECTRON-FML545 Datasheet
105Kb / 8P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
FML545A RECTRON-FML545A Datasheet
343Kb / 8P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
FML545AF RECTRON-FML545AF Datasheet
88Kb / 4P
Surface Mount Schottky Barrier Rectifier Reverse Voltage
More results

Similar Description - FML545BF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SS2PH9 VISHAY-SS2PH9_11 Datasheet
87Kb / 4P
High Voltage Surface Mount Schottky Barrier Rectifier
30-May-11
logo
Bruckewell Technology L...
SS32A-3100A BWTECH-SS32A-3100A Datasheet
362Kb / 4P
Surface Mount Schottky Barrier Rectifiers REVERSE VOLTAGE 20 - 100 V
logo
Vishay Siliconix
SS2PH9 VISHAY-SS2PH9_15 Datasheet
88Kb / 5P
High Voltage Surface Mount Schottky Barrier Rectifier
16-Jan-14
logo
SHIKUES Electronics
BAT46W SKTECHNOLGY-BAT46W Datasheet
429Kb / 3P
Surface Mount Schottky Barrier Rectifier Reverse Voltage
SS36FL SKTECHNOLGY-SS36FL Datasheet
286Kb / 3P
Surface Mount Schottky Barrier Rectifier Reverse Voltage - 60V Forward Current - 3.0A
logo
Rectron Semiconductor
FML545AF RECTRON-FML545AF Datasheet
88Kb / 4P
Surface Mount Schottky Barrier Rectifier Reverse Voltage
SS52F RECTRON-SS52F Datasheet
87Kb / 4P
Surface Mount Schottky Barrier Rectifier Reverse Voltage
logo
Vishay Siliconix
SS2PH9 VISHAY-SS2PH9_V01 Datasheet
102Kb / 5P
High Voltage Surface-Mount Schottky Barrier Rectifier
08-Mar-2022
logo
AiT Semiconductor Inc.
DS12W AITSEMI-DS12W Datasheet
716Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER REVERSE VOLTAGE 20 TO 200V FORWARD CURRENT 1A
REV1.0
PMEG3020ER AITSEMI-PMEG3020ER Datasheet
422Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER REVERSE VOLTAGE 30V FORWARD CURRENT 2.0A
REV1.0
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com