Electronic Components Datasheet Search
  English  ▼

X  

AD1839 Datasheet(PDF) 2 Page - Analog Devices

Part # AD1839
Description  2 ADC, 6 DAC, 96 kHz, 24-Bit sigma-delta Codec
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1839 Datasheet(HTML) 2 Page - Analog Devices

  AD1839 Datasheet HTML 1Page - Analog Devices AD1839 Datasheet HTML 2Page - Analog Devices AD1839 Datasheet HTML 3Page - Analog Devices AD1839 Datasheet HTML 4Page - Analog Devices AD1839 Datasheet HTML 5Page - Analog Devices AD1839 Datasheet HTML 6Page - Analog Devices AD1839 Datasheet HTML 7Page - Analog Devices AD1839 Datasheet HTML 8Page - Analog Devices AD1839 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
REV. B
–2–
AD1839–SPECIFICATIONS
TEST CONDITIONS
Supply Voltages (AVDD, DVDD) 5.0 V
Ambient Temperature
25
∞C
Input Clock
12.288 MHz, (256
fS Mode)
DAC Input Signal
1.0078125 kHz, 1.0 dBFS
ADC Input Signal
1.0078125 kHz, 0 dBFS
Input Sample Rate (fS)
48 kHz
Measurement Bandwidth
20 Hz to 20 kHz
Word Width
24 Bits
Load Capacitance
100 pF
Load Impedance
47 k
W
Performance of all channels is identical (exclusive of the Interchannel Gain Mismatch and Interchannel Phase Deviation specifications).
Parameter
Min
Typ
Max
Unit
ANALOG-TO-DIGITAL CONVERTERS
ADC Resolution
24
Bits
Dynamic Range (20 Hz to 20 kHz, –60 dB Input)
No Filter
103
dB
A-Weighted
100
105
dB
Total Harmonic Distortion + Noise (THD+N)
–95
–88.5
dB
Interchannel Isolation
100
dB
Interchannel Gain Mismatch
0.025
dB
Analog Inputs
Differential Input Range (
± Full Scale)
–2.828
+2.828
V
Common-Mode Input Voltage
2.25
V
Input Impedance
4
k
W
Input Capacitance
15
pF
VREF
2.25
V
DC Accuracy
Gain Error
±5%
Gain Drift
35
ppm/ºC
DIGITAL-TO-ANALOG CONVERTERS
DAC Resolution
Dynamic Range (20 Hz to 20 kHz, –60 dBFS Input)
No Filter
103
105
dB
With A-Weighted Filter
105
108
dB
Total Harmonic Distortion + Noise
–92
–90
dB
Interchannel Isolation
110
dB
DC Accuracy
Gain Error
±4%
Interchannel Gain Mismatch
0.025
dB
Gain Drift
200
ppm/
∞C
Interchannel Phase Deviation
±0.1
Degrees
Volume Control Step Size (1023 Linear Steps)
0.098
%
Volume Control Range (Max Attenuation)
60
dB
Mute Attenuation
–100
dB
De-emphasis Gain Error
±0.1
dB
Full-Scale Output Voltage at Each Pin
1.0 (2.8)
V rms (V p-p)
Output Resistance at Each Pin
180
W
Common-Mode Output Voltage
2.25
V
ADC DECIMATION FILTER, 48 kHz
*
Pass Band
21.77
kHz
Pass-Band Ripple
±0.01
dB
Stop Band
26.23
kHz
Stop-Band Attenuation
120
dB
Group Delay
910
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com