Electronic Components Datasheet Search
  English  ▼

X  

AD1839AS Datasheet(PDF) 12 Page - Analog Devices

Part # AD1839AS
Description  2 ADC, 6 DAC, 96 kHz, 24-Bit sigma-delta Codec
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1839AS Datasheet(HTML) 12 Page - Analog Devices

Back Button AD1839AS Datasheet HTML 8Page - Analog Devices AD1839AS Datasheet HTML 9Page - Analog Devices AD1839AS Datasheet HTML 10Page - Analog Devices AD1839AS Datasheet HTML 11Page - Analog Devices AD1839AS Datasheet HTML 12Page - Analog Devices AD1839AS Datasheet HTML 13Page - Analog Devices AD1839AS Datasheet HTML 14Page - Analog Devices AD1839AS Datasheet HTML 15Page - Analog Devices AD1839AS Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
REV. B
–12–
AD1839
To maintain the highest performance possible, it is recommended
that the clock jitter of the master clock signal be limited to less
than 300 ps rms, measured using the edge-to-edge technique.
Even at these levels, extra noise or tones may appear in the
DAC outputs if the jitter spectrum contains large spectral peaks.
It is highly recommended that the master clock be generated by
an independent crystal oscillator. In addition, it is especially
important that the clock signal should not be passed through an
FPGA or other large digital chip before being applied to the
AD1839. In most cases, this will induce clock jitter due to the
fact that the clock signal is sharing common power and ground
connections with other unrelated digital output signals.
RESET and Power-Down
PD/RST will power down the chip and set the control registers
to their default settings. After
PD/RST is deasserted, an initial-
ization routine will run inside the AD1839 to clear all memories
to zero. This initialization lasts for approximately 20 LRCLK
intervals. During this time, it is recommended that no SPI
writes occur.
Power Supply and Voltage Reference
The AD1839 is designed for 5 V supplies. Separate power supply
pins are provided for the analog and digital sections. These pins
should be bypassed with 100 nF ceramic chip capacitors, as
close to the pins as possible, to minimize noise pickup. A bulk
aluminum electrolytic capacitor of at least 22
mF should also
be provided on the same PC board as the codec. For critical
applications, improved performance will be obtained with
separate supplies for the analog and digital sections. If this is
not possible, it is recommended that the analog and digital
supplies be isolated by means of two ferrite beads in series with
the bypass capacitor of each supply. It is important that the
analog supply be as clean as possible.
The internal voltage reference is brought out on the FILTR pin
and should be bypassed as close as possible to the chip, with a
parallel combination of 10
mF and 100 nF. The reference voltage
may be used to bias external op amps to the common-mode
voltage of the analog input and output signal pins. The current
drawn from the FILTR pin should be limited to less than 50
mA.
Serial Control Port
The AD1839 has an SPI compatible control port to permit
programming the internal control registers for the ADCs and
DACs, and to read the ADC signal levels from the internal
peak detectors. The SPI control port is a 4-wire serial control
port. The format is similar to the Motorola SPI format except
the input data-word is 16 bits wide. The maximum serial bit
clock frequency is 12.5 MHz and may be completely asynchro-
nous to the sample rate of the ADCs and DACs. Figure 3
shows the format of the SPI signal.
Serial Data Ports—Data Format
The ADC serial data output mode defaults to the popular I
2S
format, where the data is delayed by 1 BCLK interval from the
edge of the LRCLK. By changing Bits 6 to 8 in ADC Control
Register 2, the serial mode can be changed to right-justified
(RJ), left-justified DSP (DSP), or left-justified (LJ). In the RJ
mode, it is necessary to set Bits 4 and 5 to define the width of
the data-word.
The DAC serial data input mode defaults to I
2S. By changing
Bits 5, 6, and 7 in DAC Control Register 1, the mode can be
changed to RJ, DSP, LJ, or Packed Mode 256. The word width
defaults to 24 bits but can be changed by reprogramming Bits 3
and 4 in DAC Control Register 1.
Packed Modes
The AD1839 has a packed mode that allows a DSP or other
controller to write to all DACs and read all ADCs using one
input data pin and one output data pin. Packed Mode 256
refers to the number of BCLKs in each frame. The LRCLK is
low while data from a left channel DAC or ADC is on the data
pin, and high while data from a right channel DAC or ADC is
on the data pin. DAC data is applied on the DSDATA1 pin,
and ADC data is available on the ASDATA pin. Figures 7 to 10
show the timing for the packed mode. Packed mode is available
only for 48 kHz (based on MCLK = 12.288 MHz), and when
the
M/S is low.
Auxiliary (TDM) Mode
A special auxiliary mode is provided to allow three external
stereo ADCs and one external stereo DAC to be interfaced to
the AD1839 to provide 8-in/8-out operation. In addition, this
mode supports glueless interface to a single SHARC DSP serial
port, allowing a SHARC DSP to access all eight channels of
analog I/O. In this special mode, many pins are redefined; see
Table II for a list of redefined pins. The auxiliary and the TDM
interfaces are independently configurable to operate as masters
or slaves. When the auxiliary interface is set as a master, by
programming the Aux Mode bit in ADC Control Register 2, the
AUXLRCLK and AUXBCLK are generated by the AD1839.
When the auxiliary interface is set as a slave, the AUXLRCLK and
AUXBCLK need to be generated by an external ADC as shown
in Figure 13.
The TDM interface can be set to operate as a master or slave by
connecting the
M/S pin to DGND or ODVDD, respectively. In
master mode, the FSTDM and BCLK signals are outputs and
are generated by the AD1839. In slave mode, the FSTDM and
BCLK are inputs and should be generated by the SHARC. Slave
mode operation is available for 48 kHz and 96 kHz operation
(based on a 12.288 MHz or 24.576 MHz MCLK), and master
mode operation is available for 48 kHz only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com