Electronic Components Datasheet Search
  English  ▼

X  

MAX17630 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX17630
Description  4.5V to 36V, 1A, High-Efficiency, Synchronous Step-Down DC-DC Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17630 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX17630 Datasheet HTML 1Page - Maxim Integrated Products MAX17630 Datasheet HTML 2Page - Maxim Integrated Products MAX17630 Datasheet HTML 3Page - Maxim Integrated Products MAX17630 Datasheet HTML 4Page - Maxim Integrated Products MAX17630 Datasheet HTML 5Page - Maxim Integrated Products MAX17630 Datasheet HTML 6Page - Maxim Integrated Products MAX17630 Datasheet HTML 7Page - Maxim Integrated Products MAX17630 Datasheet HTML 8Page - Maxim Integrated Products MAX17630 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
(VIN = VEN/UVLO = 24V, RRT = unconnected (fSW = 400 kHz), CVCC = 2.2μF, VMODE/SYNC = VEXTVCC = VSGND = VPGND = 0V,
VFB = 3.67V (MAX17630A), VFB = 5.5V (MAX17630B),VFB = 1V (MAX17630C), LX = SS = RESET = Open, VBST to VLX = 5V,
TA = -40°C to 125°C, unless otherwise noted. Typical values are at TA = +25°C. All voltages are referenced to SGND, unless otherwise
noted.) (Note 3)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
FEEDBACK (FB)
FB Regulation Voltage
VFB-REG
MODE/SYNC = SGND or MODE/SYNC = VCC,
for MAX17630A
3.26
3.3
3.34
V
MODE/SYNC = SGND or MODE/SYNC = VCC,
for MAX17630B
4.94
5
5.06
MODE/SYNC = SGND or MODE/SYNC = VCC
for MAX17630C
0.889
0.9
0.911
MODE/SYNC = Open, for MAX17630A
3.26
3.36
3.43
MODE/SYNC = Open, for MAX17630B
4.94
5.09
5.20
MODE/SYNC = Open for MAX17630C
0.89
0.915
0.936
FB Input-Bias Current
IFB
For MAX17630A
11
μA
For MAX17630B
17
0 ≤ VFB ≤ 1V, TA = 25ºC For MAX17630C
-50
+50
nA
MODE/SYNC
MODE Threshold
VM-DCM
MODE/SYNC = VCC (DCM mode)
VCC - 0.65
V
VM-PFM
MODE/SYNC = Open (PFM mode)
VCC/2
VM-PWM
MODE/SYNC = SGND (PWM mode)
0.75
SYNC Frequency-Capture
Range
fSYNC
fSW set by RRT
1.1 x fSW
1.4 x fSW
kHz
SYNC Pulse Width
50
ns
SYNC Threshold
VIH
2.1
V
VIL
0.8
CURRENT LIMIT
Peak Current-Limit
Threshold
IPEAK-LIMIT
1.6
1.86
2.14
A
Runaway Peak
Current-Limit Threshold
IRUNAWAY-
LIMIT
1.89
2.32
2.6
A
PFM Peak Current-Limit
Threshold
IPFM
MODE/SYNC = Open
0.41
A
Valley Current-Limit
Threshold
IVALLEY-
LIMIT
MODE/SYNC = Open or MODE/SYNC = VCC
-0.15
0
+0.15
A
MODE/SYNC = SGND, VFB > 0.65
-1.8
Electrical Characteristics (continued)
www.maximintegrated.com
Maxim Integrated │ 4
MAX17630
4.5V to 36V, 1A, High-Efficiency,
Synchronous Step-Down DC-DC Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com