Electronic Components Datasheet Search
  English  ▼

X  

MAX17671 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX17671
Description  Integrated 4V-60V, 150mA, High-Efficiency Synchronous Step-Down DC-DC Converter with 50mA Linear Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17671 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX17671 Datasheet HTML 1Page - Maxim Integrated Products MAX17671 Datasheet HTML 2Page - Maxim Integrated Products MAX17671 Datasheet HTML 3Page - Maxim Integrated Products MAX17671 Datasheet HTML 4Page - Maxim Integrated Products MAX17671 Datasheet HTML 5Page - Maxim Integrated Products MAX17671 Datasheet HTML 6Page - Maxim Integrated Products MAX17671 Datasheet HTML 7Page - Maxim Integrated Products MAX17671 Datasheet HTML 8Page - Maxim Integrated Products MAX17671 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
(VIN = VEN/UVLO = 24V, VINL= 5V, VFBBUCK = 1.05 x VFBBUCK-REG, COUTL = 2.2μF to GND, VGND = 0V, RT = LX = MODE/SYNC =
RESET
= unconnected, TA = -40°C to +125°C, unless otherwise noted. Typical values are at TA = +25°C. All voltages are referenced
to GND, unless otherwise noted.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX UNITS
CURRENT LIMIT
Peak Current-Limit Threshold
IPEAK-LIMIT
245
295
345
mA
Sink Current-Limit Threshold
ISINK-LIMIT
MODE/SYNC = GND
65
105
145
mA
1
PFM Current-Limit Threshold
IPFM
55
92
120
mA
OSCILLATOR (RT)
Switching Frequency Accuracy
fSW = 200kHz to 2.2MHz
-11
+11
%
Switching Frequency
fSW
536
610
680
kHz
Switching Frequency
Adjustable Range
See the Switching Frequency (RT)
section for details
200
2200
TIMING
Minimum On-Time
tON_MIN
75
128
ns
Minimum Off-Time
tOFF_MIN
40
55
75
ns
Minimum Off-Time during SYNC
Mode of Operation
tOFF_
MIN(SYNC)
48
75
100
ns
HICCUP Timeout
51
ms
MODE/SYNC
MODE/SYNC Internal
Pullup Resistor
RMODE
Mode = PFM
32
kΩ
Mode = PWM
1100
SYNC Input Frequency
1.1 x
fSW
1.4 x
fSW
Minimum SYNC Pulse Width
100
ns
SYNC Threshold
VIH
2.1
V
VIL
0.8
RESET
RESET
Output-Level Low
IRESET = 10mA
400
mV
RESET
Output-Leakage Current
TA = +25°C, VRESET = 5.5V
-100
100
nA
FBBUCK Threshold for RESET
Rising
VFBBUCKR FBBUCK rising (Note 3)
92
95
98
%
FBBUCK Threshold for RESET
Falling
VFBBUCKF FBBUCK falling (Note 3)
89
92
95
OUTL Threshold for RESET
Rising
VOUTLR
OUTL rising (Note 3)
91.5
94.5
97.5
OUTL Threshold for RESET
Falling
VOUTLF
OUTL falling (Note 3)
88
91
94
Electrical Characteristics (continued)
www.maximintegrated.com
Maxim Integrated │ 4
MAX17670, MAX17671,
MAX17672
Integrated 4V-60V, 150mA, High-Efficiency,
Synchronous Step-Down DC-DC Converter
with 50mA Linear Regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com