Electronic Components Datasheet Search
  English  ▼

X  

U652 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U652
Description  SINGLE OUTPUT HALL EFFECT LATCH
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U652 Datasheet(HTML) 1 Page - Unisonic Technologies

  U652 Datasheet HTML 1Page - Unisonic Technologies U652 Datasheet HTML 2Page - Unisonic Technologies U652 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UTC U652
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO. LTD
1
QW-R118-002,A
SINGLE OUTPUT HALL EFFECT
LATCH
GENERAL DESCRIPTION
The UTC U652 is a Integrated Hall sensor with latch
designed for electronic commutation of brushless DC
motor applications. The device includes an on-chip
Hall voltage generator for magnetic sensing, a
comparator that amplifies the Hall voltage, and a
Schmitt trigger to provide switching hysteresis for
noise rejection, and open-collector output. An internal
bandgap regulator is used to provide temperature
compensated supply voltage for internal circuits and
allows a wide operating supply range.
FEATURES
*3.5V to 20V operation
*On-chip Hall sensor with two different sensitivity and
hysteresis settings.
*Internal bandgap regulator allows temperature
compensated operations and a wide operating
voltage range.
*Open-Collector 25mA Output.
*Reverse Polarity Protection.
TO92S
1
1: Vcc 2: GND 3: OUTPUT
BLOCK DIAGRAM
PIN DESCRIPTIONS
NAME
P/I/O
PIN NO.
DESCRIPTION
Vcc
P
1
Positive Power Supply
Vss
P
2
Ground
DO
O
3
OUTPUT Pin
1
REG.
Hall
Sensor
3
2
OUTPUT
GROUND
Vcc


Similar Part No. - U652

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U652 UTC-U652_15 Datasheet
137Kb / 3P
SINGLE OUTPUT HALL EFFECT LATCH
More results

Similar Description - U652

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
ATS177 ANACHIP-ATS177 Datasheet
193Kb / 6P
Single Output Hall Effect Latch
Rev.A6 Jun 23, 2004
logo
Diodes Incorporated
ATS177 DIODES-ATS177 Datasheet
149Kb / 8P
SINGLE OUTPUT HALL EFFECT LATCH
ATS177 Rev. 1
ATS177 DIODES-ATS177_10 Datasheet
170Kb / 9P
SINGLE OUTPUT HALL EFFECT LATCH
DS31055 Rev. 6 - 2
logo
Unisonic Technologies
U651 UTC-U651_15 Datasheet
137Kb / 3P
SINGLE OUTPUT HALL EFFECT LATCH
logo
Major-Power Technology ...
MA7023 MPOWER-MA7023 Datasheet
352Kb / 7P
Single Output Hall Effect Latch
MA7021 MPOWER-MA7021 Datasheet
396Kb / 8P
Single Output Hall Effect Latch
MA177 MPOWER-MA177 Datasheet
231Kb / 5P
Single Output Hall Effect Latch
MA177H MPOWER-MA177H Datasheet
111Kb / 2P
Single Output Hall Effect Latch
Rev.1.1
MA7024 MPOWER-MA7024 Datasheet
123Kb / 2P
Single Output Hall Effect Latch
Rev.1.2
MA7026 MPOWER-MA7026 Datasheet
116Kb / 2P
Single Output Hall Effect Latch
Rev.1.0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com