Electronic Components Datasheet Search
  English  ▼

X  

HMC347B Datasheet(PDF) 4 Page - Analog Devices

Part # HMC347B
Description  GaAs, SPDT Switch, Nonreflective, 0.1 GHz to 20 GHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC347B Datasheet(HTML) 4 Page - Analog Devices

  HMC347B Datasheet HTML 1Page - Analog Devices HMC347B Datasheet HTML 2Page - Analog Devices HMC347B Datasheet HTML 3Page - Analog Devices HMC347B Datasheet HTML 4Page - Analog Devices HMC347B Datasheet HTML 5Page - Analog Devices HMC347B Datasheet HTML 6Page - Analog Devices HMC347B Datasheet HTML 7Page - Analog Devices HMC347B Datasheet HTML 8Page - Analog Devices HMC347B Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
HMC347B
Data Sheet
Rev. E | Page 4 of 10
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
VCTL
−7.5 V dc to +0.5 V
RF Input Power (f = 0.5 GHz to 20 GHz,
TDIE = 85°C)
VCTL = −5 V or 0 V
Through Path
27 dBm
Terminated Path
25 dBm
Hot Switching
23 dBm
VCTL = −3 V or 0 V
Through Path
21 dBm
Terminated Path
19 dBm
Hot Switching
17 dBm
Temperature
Channel
150°C
Storage
−65°C to +150°C
Operating
−55°C to +85°C
ESD (Electrostatic Discharge) Sensitivity
Human Body Model (HBM)
Class 0, passed 150 V
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the
operational section of this specification is not implied.
Operation beyond the maximum operating conditions for
extended periods may affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Careful attention to
PCB thermal design is required.
θJC is the junction to case bottom (channel to package bottom)
thermal resistance.
Table 3.
Package Option
θJC
Unit
C-10-10
Through Path
118
°C/W
Terminated Path
200
°C/W
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com