Electronic Components Datasheet Search
  English  ▼

X  

SFM11 Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # SFM11
Description  SURFACE MOUNT FAST RECOVERY RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

SFM11 Datasheet(HTML) 1 Page - Rectron Semiconductor

  SFM11 Datasheet HTML 1Page - Rectron Semiconductor SFM11 Datasheet HTML 2Page - Rectron Semiconductor SFM11 Datasheet HTML 3Page - Rectron Semiconductor SFM11 Datasheet HTML 4Page - Rectron Semiconductor SFM11 Datasheet HTML 5Page - Rectron Semiconductor SFM11 Datasheet HTML 6Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Features
Very tiny plastic SMD package
•
High current capability
•
• Superfast recovery time for switching mode application
High surge current capability
•
Glass passivated chip junction
•
Lead-free parts meet RoHS requirments
•
Maximum ratings (AT T =25 C unless otherwise noted)
A
o
SYMBOLS
Maximum repetitive peak reverse voltage
PARAMETER
Maximum RMS voltage
Non-repetitive peak forward surge current
8.3ms single half sine-wave
Maximum continuous reverse voltage
Maximum average forward rectified current
IO
VR
VRRM
IFSM
VRMS
Maximum instantaneous forward voltage
at I =1.0A
F
VF
IR
Maximum reverse leakage current T=25 C
J
°
T =125 C
at rated VR
J
°
CJ
Typical junction capacitance (Note 1)
TSTG
TJ
Operating junction temperature range
Storage temperature range
50
35
50
100
70
100
150
105
150
200
140
200
300
210
300
400
280
400
500
350
500
1.0
15
5.0
100
0.95
10
-55 to +150
-65 to +175
UNIT
V
V
V
A
A
V
μA
A
μ
pF
°C
°C
SFM11
Electrical characteristics (AT T =25 C unless otherwise noted)
A
o
SYMBOLS
PARAMETER
UNIT
Notes 1: Measured at 1 MHz and applied reverse voltage of 4.0 VDC
2: Measured with IF = 0.5 A, IR = 1 A, Irr = 0.25 A
3: Mounted on FR-4 PCB Copper, minimum recommended pad layout
SFM12
SFM13
SFM14
SFM15
SFM16
SFM17
trr
Maximum reverse recovery time (Note 2)
ns
35
Typical thermal resistance junction to ambient (3)
Thermal characteristics
SYMBOLS
PARAMETER
UNIT
Typical thermal resistance junction to case(3)
RθJA
RθJC
68
48
°C/W
C/W
°
600
420
600
SFM18
1.25
1.70
Mechanical data
• Epoxy : UL94-V0 rated flame retardant
• Case : Molded plastic, SOD-323
Terminals :Plated terminals, solderable per MIL-STD-750,
•
Method 2026
Polarity : Indicated by cathode band
•
Mounting Position : Any
•
Weight : Approximated 0.008 gram
•
0.012(0.3) Typ.
0.016(0.4) Typ.
0.016(0.4) Typ.
0.106 (2.7)
0.091 (2.3)
0.057 (1.45)
0.041 (1.05)
0.047 (1.2)
0.031 (0.8)
Dimensions in inches and (millimeters)
SOD-323
SFM11
VOLTAGE RANGE 50 to 600 Volts CURRENT 1.0 Ampere
SURFACE MOUNT FAST RECOVERY RECTIFIER
THRU
SFM18
2020-12/35
REV:O
SFM11
SFM12
SFM13
SFM14
SFM15
SFM16
SFM17
SFM18
SFM11
SFM12
SFM13
SFM14
SFM15
SFM16
SFM17
SFM18


Similar Part No. - SFM11

ManufacturerPart #DatasheetDescription
logo
Formosa MS
SFM11 FORMOSA-SFM11 Datasheet
69Kb / 2P
Super fast recovery type
logo
Weitron Technology
SFM11 WEITRON-SFM11 Datasheet
210Kb / 3P
Surface Mount Super Fast Recovery Rectifiers
logo
SHENZHEN YONGERJIA INDU...
SFM11 WINNERJOIN-SFM11 Datasheet
113Kb / 2P
SMA
logo
Formosa MS
SFM11 FORMOSA-SFM11 Datasheet
58Kb / 7P
Chip Super Fast Rectifier
SFM11-L FORMOSA-SFM11-L Datasheet
80Kb / 2P
Chip Silicon Rectifier - Super fast recovery type
More results

Similar Description - SFM11

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
RS1A PANJIT-RS1A_05 Datasheet
41Kb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
MIC GROUP RECTIFIERS
RS3A MIC-RS3A Datasheet
66Kb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
EIC discrete Semiconduc...
SRTA EIC-SRTA_05 Datasheet
56Kb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Pan Jit International I...
RS1AF PANJIT-RS1AF Datasheet
268Kb / 4P
SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Shenzhen Taychipst Elec...
FFM101 TAYCHIPST-FFM101 Datasheet
3Mb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
PACELEADER INDUSTRIAL
RS2A PACELEADER-RS2A Datasheet
323Kb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Sangdest Microelectroni...
FR3A-K SMC-FR3A-K Datasheet
172Kb / 4P
SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
List of Unclassifed Man...
FR1AF ETC2-FR1AF Datasheet
575Kb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIER
FR3AF ETC2-FR3AF Datasheet
580Kb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com