Electronic Components Datasheet Search
  English  ▼

X  

SH9 Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # SH9
Description  SURFACE MOUNT HIGH EFFICIENCY RECTIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

SH9 Datasheet(HTML) 1 Page - Rectron Semiconductor

  SH9 Datasheet HTML 1Page - Rectron Semiconductor SH9 Datasheet HTML 2Page - Rectron Semiconductor SH9 Datasheet HTML 3Page - Rectron Semiconductor SH9 Datasheet HTML 4Page - Rectron Semiconductor SH9 Datasheet HTML 5Page - Rectron Semiconductor SH9 Datasheet HTML 6Page - Rectron Semiconductor SH9 Datasheet HTML 7Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
MAXIMUM RATINGS (@ TA=25 OC unless otherwise noted)
ELECTRICAL CHARACTERISTICS(@TA=25 OC unless otherwise noted)
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
at TA = 75 OC
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Typical Thermal Resistance (Note 1)
Typical Junction Capacitance (Note 2)
SYMBOL
VRRM
VDC
IFSM
CJ
TSTG
VRMS
UNITS
Volts
Volts
Volts
Amps
1.0
25
180
10
Amps
0 C/W
0 C/W
0 C
Storage Temperature Range
R
θJA
Typical Thermal Resistance (Note 1)
20
R
θJC
IO
pF
Operating Temperature Range
TJ
-55 to + 150
0 C
SH9
CHARACTERISTICS
Maximum Average Reverse Current
at Rated DC Blocking Voltage
VF
SYMBOL
IR
Maximum Instantaneous Forward Voltage at 1.0A DC
Volts
5
100
@TA = 25
oC
@TA = 125
oC
uA
UNITS
1.7
trr
Maximum Reverse Recovery Time (Note 3)
nSec
75
NOTES : 1. Thermal Resistance :Mounted on PCB.
2. Measured at 1 MHz and applied reverse voltage of 4.0 volts.
3.Te st Conditions: IF= 0.5A, IR= -1.0A, IRR= -0.25A.
FEATURES
* Low power loss, high efficiency
* Low leakage
* Low forward voltage
* High current capability
* High speed switching
* High surge capability
* High reliability
MECHANICAL DATA
* Epoxy: Device has UL flammability classification 94V-O
* Mounting position: Any
Current Squarad Time
I
2t
A
2/Sec
2.6
SURFACE MOUNT
HIGH EFFICIENCY RECTIFIER
1200
840
1200
SH9
uA
SH9
VOLTAGE RANGE 1200 Volts CURRENT 1.0 Ampere
-55 to + 150
SOD-123F
Dimensions in inches and (millimeters)
.035 (0.90)
.028 (0.70)
.077 (1.95)
.069 (1.75)
.114 (2.9)
.106 (2.7)
.150 (3.8)
.142 (3.6)
.053 (1.35)
.033(0.85)
.013 (0.35)
.008 (0.20)
2020-04
REV:A
.039 (1.00)


Similar Part No. - SH9

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SH90 LITTELFUSE-SH90 Datasheet
450Kb / 4P
Gas Discharge Tubes
Revised: GD. 03/09/21
logo
DFI Inc
SH960-CM236 DFI-SH960-CM236 Datasheet
1Mb / 2P
6th Gen Intel® Xeon®/CoreTM Processor COM Express® Basic
SH960-CM236BS-1515M DFI-SH960-CM236BS-1515M Datasheet
1Mb / 2P
6th Gen Intel® Xeon®/CoreTM Processor COM Express® Basic
SH960-CM236BS-3900E DFI-SH960-CM236BS-3900E Datasheet
1Mb / 2P
6th Gen Intel® Xeon®/CoreTM Processor COM Express® Basic
SH960-CM236BS-6100E DFI-SH960-CM236BS-6100E Datasheet
1Mb / 2P
6th Gen Intel® Xeon®/CoreTM Processor COM Express® Basic
More results

Similar Description - SH9

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SE3A GOOD-ARK-SE3A Datasheet
183Kb / 2P
SURFACE MOUNT HIGH EFFICIENCY RECTIFIER
logo
Gaomi Xinghe Electronic...
US1AL GXELECTRONICS-US1AL Datasheet
483Kb / 2P
SURFACE MOUNT HIGH EFFICIENCY RECTIFIER
logo
Microdiode Semiconducto...
UF07A CHENDA-UF07A Datasheet
87Kb / 2P
SURFACE MOUNT HIGH EFFICIENCY RECTIFIER
DHE1A CHENDA-DHE1A Datasheet
547Kb / 2P
SURFACE MOUNT HIGH EFFICIENCY RECTIFIER
HFM101-M CHENDA-HFM101-M Datasheet
548Kb / 2P
SURFACE MOUNT HIGH EFFICIENCY RECTIFIER
US2AW CHENDA-US2AW Datasheet
642Kb / 2P
SURFACE MOUNT HIGH EFFICIENCY RECTIFIER
logo
Shenzhen Yixinwei Techn...
US2A YIXIN-US2A Datasheet
158Kb / 2P
SURFACE MOUNT HIGH EFFICIENCY RECTIFIER
US3A YIXIN-US3A Datasheet
156Kb / 2P
SURFACE MOUNT HIGH EFFICIENCY RECTIFIER
logo
Microdiode Semiconducto...
SOD1H1 CHENDA-SOD1H1_V01 Datasheet
1Mb / 3P
SURFACE MOUNT HIGH EFFICIENCY RECTIFIER
logo
First Silicon Co., Ltd
U1A FS-U1A Datasheet
111Kb / 2P
SURFACE MOUNT HIGH EFFICIENCY RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com