Electronic Components Datasheet Search
  English  ▼

X  

MAX20079 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX20079
Description  Automotive 36V 3.5A Buck Converter with 3.5μA Iq
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX20079 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX20079 Datasheet HTML 1Page - Maxim Integrated Products MAX20079 Datasheet HTML 2Page - Maxim Integrated Products MAX20079 Datasheet HTML 3Page - Maxim Integrated Products MAX20079 Datasheet HTML 4Page - Maxim Integrated Products MAX20079 Datasheet HTML 5Page - Maxim Integrated Products MAX20079 Datasheet HTML 6Page - Maxim Integrated Products MAX20079 Datasheet HTML 7Page - Maxim Integrated Products MAX20079 Datasheet HTML 8Page - Maxim Integrated Products MAX20079 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
(VSUP = VEN = 14V, VSYNC = 0V, TJ = -40°C to +150°C unless otherwise noted, VOUT = 5V, (Notes 3 and 4))
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage Range
VSUP
3.5
36
V
After start-up
3.0
36
VSUP_MAX
t < 1s
40
Supply Current
ISUP_OFF
VEN = Low
1
5
μA
ISUP,3.3V
Fixed VOUT (internal) = 3.3V,
fSW = 2.1MHz/400kHz, no load, no switching
3.5
8
μA
ISUP_SW,3.3V
Fixed VOUT (internal) = 3.3V, fSW =
2.1MHz/400kHz, no load, switching (Note 5)
4.5
ISUP,5V
Fixed VOUT (internal) = 5V, fSW = 2.1MHz/
400kHz, no load, no switching
6
10
μA
ISUP_SW,5V
Fixed VOUT (internal) = 5V, fSW = 2.1MHz/
400kHz, no load, switching (Note 5)
7.5
μA
LX Leakage
ILX,leak
VSUP = 36V, LX = 0V or 40V, TA = +25°C
-1
1
μA
UV Lockout
UVLO
VBIAS rising
2.525
2.725
2.925
V
UVLOHYS
Hysteresis
0.13
BIAS Voltage
VBIAS
+5.5V ≤ VSUP ≤ +36V
5
V
BUCK CONVERTER
Voltage Accuracy
VOUT,5V
Fixed VOUT (internal) = 5V,
fSW = 2.1MHz/400kHz
Skip mode
(Note 4)
4.85
5
5.06
V
PWM mode
4.93
5
5.07
VOUT,3.3V
Fixed VOUT (internal) = 3.3V,
fSW = 2.1MHz/400kHz
Skip mode
(Note 4)
3.2
3.3
3.37
Fixed VOUT (internal) = 3.3V,
fSW = 2.1MHz/400kHz
PWM mode
3.25
3.3
3.35
VOUT,3.395V
Fixed VOUT (internal) = 3.395V,
fSW = 2.1MHz
Skip mode
(Note 4)
3.293
3.395
3.465
PWM mode
3.345
3.395
3.445
Output Voltage
Range with External
Resistor-Divider
VOUT
3
12
V
FB Voltage Accuracy
VFB
0.985
1
1.015
V
FB Current
IFB
VFB = 1V, TA = +25°C
0.02
μA
FB Line Regulation
LRFB
VSUP = 6V to 36V
0.02
%/V
High-Side Switch
ON Resistance
RON,HS
VBIAS = 5V, ILX = 1A
70
125
mΩ
Low-Side Switch
ON Resistance
RON,LS
VBIAS = 5V, ILX = 1A
70
125
mΩ
High-Side Current-Limit
Threshold
ILIMPEAK
4.1
4.7
5.3
A
Electrical Characteristics
www.maximintegrated.com
Maxim Integrated │ 4
MAX20079
Automotive 36V 3.5A Buck Converter with 3.5μA Iq



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com