Electronic Components Datasheet Search
  English  ▼

X  

ADL5367 Datasheet(PDF) 20 Page - Analog Devices

Part # ADL5367
Description  300 MHz to 1100 MHz Balanced Mixer, LO Buffer, and RF Balun
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5367 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADL5367 Datasheet HTML 15Page - Analog Devices ADL5367 Datasheet HTML 16Page - Analog Devices ADL5367 Datasheet HTML 17Page - Analog Devices ADL5367 Datasheet HTML 18Page - Analog Devices ADL5367 Datasheet HTML 19Page - Analog Devices ADL5367 Datasheet HTML 20Page - Analog Devices ADL5367 Datasheet HTML 21Page - Analog Devices ADL5367 Datasheet HTML 22Page - Analog Devices ADL5367 Datasheet HTML 23Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
ADL5369
Data Sheet
Rev. A | Page 20 of 23
EVALUATION BOARD
An evaluation board is available for the family of double balanced
mixers. The standard evaluation board schematic is shown in
Figure 46. The evaluation board is fabricated using Rogers®
RO3003 material.
Table 8 describes the various configuration options of the
evaluation board. Evaluation board layout is shown in Figure 47 to
Figure 50.
C22
1nF
C20
10pF
C2
10µF
C21
10pF
C1
100pF
C10
100pF
C12
100pF
VGS1
LO2_IN
LO1_IN
RFIN
R22
10kΩ
VPOS
PWR_UP
R23
15kΩ
VPOS
VPOS
VPOS
LOSEL
VGS0
C5
0.01µF
C4
10pF
C6
10pF
C8
10pF
R9
1.7kΩ
R4
10kΩ
R21
10kΩ
R14
910Ω
L3
0Ω
VPMX
RFIN
RFCT
COMM
COMM
VGS1
VPSW
LOI2
VGS0
LOI1
ADL5369
R1
0Ω
C24
560pF
T1
IF1_OUT
C25
560pF
NIC = NOT INTERNALLY CONNECTED.
Figure 46. Evaluation Board Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com