Electronic Components Datasheet Search
  English  ▼

X  

ADL5365 Datasheet(PDF) 6 Page - Analog Devices

Part # ADL5365
Description  300 MHz to 1100 MHz Balanced Mixer, LO Buffer, and RF Balun
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5365 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADL5365 Datasheet HTML 2Page - Analog Devices ADL5365 Datasheet HTML 3Page - Analog Devices ADL5365 Datasheet HTML 4Page - Analog Devices ADL5365 Datasheet HTML 5Page - Analog Devices ADL5365 Datasheet HTML 6Page - Analog Devices ADL5365 Datasheet HTML 7Page - Analog Devices ADL5365 Datasheet HTML 8Page - Analog Devices ADL5365 Datasheet HTML 9Page - Analog Devices ADL5365 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
ADL5369
Data Sheet
Rev. A | Page 6 of 23
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
VPMX
RFIN
RFCT
COMM
COMM
VGS1
VPSW
LOI2
VGS0
LOI1
14
13
12
1
3
4
15
11
2
5
NOTES
1. NIC = NOT INTERNALLY CONNECTED.
2. EXPOSED PAD MUST BE SOLDERED TO GROUND.
ADL5369
TOP VIEW
(Not to Scale)
Figure 2. Pin Configuration
Table 7. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VPMX
Positive Supply Voltage for the IF Amplifier.
2
RFIN
RF Input. This pin must be ac-coupled.
3
RFCT
RF Balun Center Tap (AC Ground).
4, 5, 16
COMM
Device Common (DC Ground).
6, 8
VLO3, VLO2
Positive Supply Voltages for LO Amplifier.
7
LGM3
LO Amplifier Bias Control.
9
LOSW
LO Switch. LOI1 is selected for 0 V, or LOI2 is selected for 3 V.
10
NIC
Not Internally Connected.
11, 15
LOI1, LOI2
LO Inputs. These pins must be ac-coupled.
12, 13
VGS0, VGS1
Mixer Gate Bias Controls (3 V Logic). Ground these pins for the nominal setting.
14
VPSW
Positive Supply Voltage for LO Switch.
17
PWDN
Power-Down. Connect this pin to ground for normal operation or connect this pin to 3.0 V for disable mode.
18, 19
IFON, IFOP
Differential IF Outputs.
20
VCMI
No Connect. This pin can be grounded.
EPAD (EP)
Exposed Pad. The exposed pad must be soldered to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com