Electronic Components Datasheet Search
  English  ▼

X  

ADL5356 Datasheet(PDF) 2 Page - Analog Devices

Part # ADL5356
Description  300 MHz to 1100 MHz Balanced Mixer, LO Buffer, and RF Balun
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5356 Datasheet(HTML) 2 Page - Analog Devices

  ADL5356 Datasheet HTML 1Page - Analog Devices ADL5356 Datasheet HTML 2Page - Analog Devices ADL5356 Datasheet HTML 3Page - Analog Devices ADL5356 Datasheet HTML 4Page - Analog Devices ADL5356 Datasheet HTML 5Page - Analog Devices ADL5356 Datasheet HTML 6Page - Analog Devices ADL5356 Datasheet HTML 7Page - Analog Devices ADL5356 Datasheet HTML 8Page - Analog Devices ADL5356 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
ADL5369
Data Sheet
Rev. A | Page 2 of 23
TABLE OF CONTENTS
Features .............................................................................................. 1
 
Applications....................................................................................... 1
 
Functional Block Diagram .............................................................. 1
 
General Description ......................................................................... 1
 
Revision History ............................................................................... 2
 
Specifications..................................................................................... 3
 
5 V Performance........................................................................... 4
 
3.3 V Performance........................................................................ 4
 
Absolute Maximum Ratings............................................................ 5
 
Thermal Resistance ...................................................................... 5
 
ESD Caution.................................................................................. 5
 
Pin Configuration and Function Descriptions............................. 6
 
Typical Performance Characteristics ............................................. 7
 
5 V Performance Characteristics................................................ 7
 
3.3 V Performance Characteristics .......................................... 14
 
Upconversion Characteristics................................................... 15
 
Spurious Performance ............................................................... 16
 
Circuit Description......................................................................... 17
 
RF Subsystem.............................................................................. 17
 
LO Subsystem ............................................................................. 17
 
Applications Information .............................................................. 19
 
Basic Connections...................................................................... 19
 
IF Port .......................................................................................... 19
 
Mixer VGS Control DAC .......................................................... 19
 
Evaluation Board ............................................................................ 20
 
Outline Dimensions ....................................................................... 23
 
Ordering Guide .......................................................................... 23
 
REVISION HISTORY
5/16—Rev. 0 to Rev. A
Changes to Specifications Section .......................................................3
Changes to 5 V Performance Section and 3.3 V Performance
Section .........................................................................................................4
Changes to Table 5.....................................................................................5
Added Thermal Resistance Section, Table 6, and Junction to Board
Thermal Impedance Section; Renumbered Sequentially ..................5
Changes to RF Frequency Section.................................................. 7
Changes to Temperature Section.................................................... 8
Changes to IF Frequency Section................................................... 9
Changes to LO Power and Spurious Performance Section....... 10
Changes to Conversion Loss Distribution, Input IP3 Distribution,
and Return Loss Section.................................................................. 11
Changes to Isolation, Leakage, Power Conversion Loss, Input
IP3, and SSB Noise Figure Section............................................... 12
Changes to 3.3 V Performance Characteristics Section............ 14
Changes to Upconversion Characteristics Section .................... 15
Changes to 5 V Performance Section .......................................... 16
Change to Figure 45 ....................................................................... 19
Change to Figure 46 ....................................................................... 20
Changes to Table 8.......................................................................... 21
1/16—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com