Electronic Components Datasheet Search
  English  ▼

X  

ADRF6755 Datasheet(PDF) 12 Page - Analog Devices

Part # ADRF6755
Description  100 MHz to 2400 MHz I/Q Modulator with Integrated Fractional-N PLL and VCO
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6755 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADRF6755 Datasheet HTML 8Page - Analog Devices ADRF6755 Datasheet HTML 9Page - Analog Devices ADRF6755 Datasheet HTML 10Page - Analog Devices ADRF6755 Datasheet HTML 11Page - Analog Devices ADRF6755 Datasheet HTML 12Page - Analog Devices ADRF6755 Datasheet HTML 13Page - Analog Devices ADRF6755 Datasheet HTML 14Page - Analog Devices ADRF6755 Datasheet HTML 15Page - Analog Devices ADRF6755 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 48 page
background image
ADRF6755
Data Sheet
Rev. B | Page 12 of 48
Pin No.
Mnemonic
Description
29
SDI/SDA
Serial Data Input for SPI Port/Serial Data Input/Output for I2C Port. In SPI mode, this pin is a high
impedance CMOS data input, and data is loaded in an 8-bit word. In I2C mode, this pin is a bidirec-
tional port.
30
CLK/SCL
Serial Clock Input for SPI/I2C Port. This serial clock is used to clock in the serial data to the registers.
This input is a high impedance CMOS input.
28
SDO
Serial Data Output for SPI Port. Register states can be read back on the SDO data output line.
17
REFIN
Reference Input. This high impedance CMOS input should be ac-coupled.
18
REFIN
Reference Input Bar. This pin should be either grounded or ac-coupled to ground.
48
RFOUT
RF Output. Single-ended, 50 Ω, internally biased RF output. This pin must be ac-coupled to the load.
45
TXDIS
Output Disable. This pin can be used to disable the RF output. Connect to a high logic level to
disable the output. Connect to a low logic level for normal operation.
25, 26
LOMON,
LOMON
Differential Monitor Outputs. These pins provide a replica of the internal local oscillator frequency
(1× LO) at four different power levels: −6 dBm, −12 dBm, −18 dBm, and −24 dBm, approximately.
These open-collector outputs must be terminated with external resistors to REGOUT. These outputs
can be disabled through serial port programming and should be tied to REGOUT if not used.
8, 10
NC
No Connect. Do not connect to these pins.
44
LDET
Lock Detect. This output pin indicates the state of the PLL: a high level indicates a locked condition,
whereas a low level indicates a loss of lock condition.
43
MUXOUT
Mux Output. This pin is a test output for diagnostic use only. Do not connect to this pin.
Exposed Paddle
EP
Exposed Paddle. Connect to ground plane via a low impedance path.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com