Electronic Components Datasheet Search
  English  ▼

X  

ADRF6755ACPZ Datasheet(PDF) 34 Page - Analog Devices

Part # ADRF6755ACPZ
Description  100 MHz to 2400 MHz I/Q Modulator with Integrated Fractional-N PLL and VCO
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6755ACPZ Datasheet(HTML) 34 Page - Analog Devices

Back Button ADRF6755ACPZ Datasheet HTML 30Page - Analog Devices ADRF6755ACPZ Datasheet HTML 31Page - Analog Devices ADRF6755ACPZ Datasheet HTML 32Page - Analog Devices ADRF6755ACPZ Datasheet HTML 33Page - Analog Devices ADRF6755ACPZ Datasheet HTML 34Page - Analog Devices ADRF6755ACPZ Datasheet HTML 35Page - Analog Devices ADRF6755ACPZ Datasheet HTML 36Page - Analog Devices ADRF6755ACPZ Datasheet HTML 37Page - Analog Devices ADRF6755ACPZ Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 48 page
background image
ADRF6755
Data Sheet
Rev. B | Page 34 of 48
Table 22. Register CR24 (Address 0x18), Autocalibration
Bit
Description
7
Set to 0
6
Set to 0
5
Set to 0
4
Set to 1
3
Set to 1
2
Set to 0
1
Set to 0
0
Disable autocalibration
0 = enable autocalibration (default)
1 = disable autocalibration
Table 23. Register CR25 (Address 0x19), Autocalibration Timer
Bit
Description
[7:0]
Autocalibration timer
Table 24. Register CR27 (Address 0x1B), LO Monitor Output
and LO Selection
Bit
Description
7
Set to 0
6
Set to 0
5
Set to 0
4
Frequency range; set according to Table 6
3
Set to 0
2
Power up LO monitor output
0 = power down (default)
1 = power up
[1:0]
Monitor output power into 50 Ω
00 = −24 dBm (default)
01 = −18 dBm
10 = −12 dBm
11 = −6 dBm
Table 25. Register CR28 (Address 0x1C), LO Selection
Bit
Description
7
Set to 0
6
Set to 0
5
Set to 0
4
Power down RFDIVIDER
0 = power up (default)
1 = power down
3
Set to 1
[2:0]
RFDIV1, set according to Table 6
1
Double-buffered. Loaded on a write to Register CR0.
Table 26. Register CR29 (Address 0x1D), Modulator
Bit
Description
7
Set to 1
6
Set to 0
5
Set to 0
4
Set to 0
3
Set to 0
2
Set to 0
1
Set to 0
0
Power up modulator
0 = power down (default)
1 = power up
Table 27. Register CR30 (Address 0x1E), Attenuator
Bit
Description
7
Set to 0
6
Set to 0
[5:0]
Attenuator A5 to Attenuator A0
000000 = 0 dB
000001 = 1 dB
000010 = 2 dB
…
011111 = 31 dB
110000 = 32 dB
110001 = 33 dB
…
111101 = 45 dB
111110 = 46 dB
111111 = 47 dB
Table 28. Register CR33 (Address 0x21), Revision Code1
Bit
Description
[7:0]
Revision code
1
Read-only register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com