Electronic Components Datasheet Search
  English  ▼

X  

ADRF6821ACPZ Datasheet(PDF) 13 Page - Analog Devices

Part # ADRF6821ACPZ
Description  450 MHz to 2800 MHz, DPD RFIC with Integrated Fractional-N PLL and VCO
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6821ACPZ Datasheet(HTML) 13 Page - Analog Devices

Back Button ADRF6821ACPZ Datasheet HTML 9Page - Analog Devices ADRF6821ACPZ Datasheet HTML 10Page - Analog Devices ADRF6821ACPZ Datasheet HTML 11Page - Analog Devices ADRF6821ACPZ Datasheet HTML 12Page - Analog Devices ADRF6821ACPZ Datasheet HTML 13Page - Analog Devices ADRF6821ACPZ Datasheet HTML 14Page - Analog Devices ADRF6821ACPZ Datasheet HTML 15Page - Analog Devices ADRF6821ACPZ Datasheet HTML 16Page - Analog Devices ADRF6821ACPZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 61 page
background image
Data Sheet
ADRF6821
Rev. A | Page 13 of 61
14
13
11
9
12
10
8
0
100
200
300
400
500
IF FREQUENCY (MHz)
LO = 1000MHz
LO = 2000MHz
LO = 2800MHz
Figure 10. Output P1dB vs. IF Frequency, RF Sweep with Fixed LO,
Various LO Frequency
14
12
10
6
4
8
2
0
1.2
1.4
1.6
1.8
2.0
VCM (V)
LO = 1000MHz
LO = 2000MHz
LO = 2800MHz
Figure 11. Output P1dB vs. Common-Mode Voltage (VCM), IF = 100 MHz
45
40
20
5
30
35
15
25
10
0
600
1040
1480
1920
2360
2800
LO FREQUENCY (MHz)
+105°C
+27°C
–40°C
Figure 12. Output IP3 vs. LO Frequency, Measured on −10 dBm for Each
Tone at the IF Output for Various Temperature
45
40
20
5
30
35
15
25
10
0
600
1040
1480
1920
2360
2800
LO FREQUENCY (MHz)
MIXER_GAIN_PEAK = 0
MIXER_GAIN_PEAK = 3
Figure 13. Output IP3 vs. LO Frequency, Measured on −10 dBm for
Each Tone at the IF Output for Various MIXER_GAIN_PEAK
(Register 0x003A, Bits[1:0]) Settings
45
40
20
5
30
35
15
25
10
0
600
1040
1480
1920
2360
2800
LO FREQUENCY (MHz)
DSA = 0dB
DSA = 8dB
DSA = 15dB
Figure 14. Output IP3 vs. LO Frequency for Various DSA Settings,
Measured on −10 dBm for Each Tone at the IF Output
45
40
20
5
30
35
15
25
10
0
0
100
200
300
400
500
IF FREQUENCY (MHz)
LO = 1000MHz
LO = 2000MHz
LO = 2800MHz
Figure 15. Output IP3 vs. IF Frequency for Various LO Frequencies,
Measured on −10 dBm for Each Tone at the IF Output, Low Side LO for 1 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com