Electronic Components Datasheet Search
  English  ▼

X  

AD22157 Datasheet(PDF) 3 Page - Analog Devices

Part # AD22157
Description  Wheel Speed Sensor For ABS Systems
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD22157 Datasheet(HTML) 3 Page - Analog Devices

  AD22157 Datasheet HTML 1Page - Analog Devices AD22157 Datasheet HTML 2Page - Analog Devices AD22157 Datasheet HTML 3Page - Analog Devices AD22157 Datasheet HTML 4Page - Analog Devices AD22157 Datasheet HTML 5Page - Analog Devices AD22157 Datasheet HTML 6Page - Analog Devices AD22157 Datasheet HTML 7Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
-3-
REV. PrA
CIRCUIT OPERATION
The AD22157 is a two wire current modulating transducer which
generates current pulses in response to spacial differential changes
in a magnetic field. A typical application is wheel speed sensing
where the field to be sensed is generated by the interaction of a
permanent magnet behind the sensor and a notched or hole
stamped ferromagnetic target wheel in front of the sensor. Under
these conditions the sensor must reject that portion of the ‘bias’
field which is constant, and amplify the remaining differentially
modulated portion of the field and determine accurately the posi-
tion of edge transitions on the wheel.
SIGNAL DETECTION
The bias field rejection is accomplished by a spacial differential
measurement of the field using integrated Hall plate structures
within the silicon substrate. A linear array of three Hall cells is
used. The AD22157 is designed to give optimum quadrature sig-
nals at a tooth/ notch pitch of 5mm.
Each of the three Hall devices is constructed of four individual
plates of 200um diameter connected in parallel and spatially orien-
tated in each of four cross quadrature positions in order to relieve
process gradient induced offsets in the Hall signal voltage.
The Hall plate arrays are biased by three matched current sources.
The sensitivity of the plates to magnetic field is 5uV / Gauss at this
current. The three Hall effect sensors are connected to instrumen-
tation amplifiers as two pairs with the center plate shared between
the two amplifiers. In this configuration two spacial differential
magnetic signals are transformed into electrical signals whose
peak to peak amplitude is directly proportional to the differential
magnetic field component and the Hall plate bias current.
Pitch matching the Hall array to the wheel results in an approxi-
mately sinusoidal field variation being sensed by the spatial differ-
ential array.
SOURCES OF ERROR PRIOR TO SIGNAL CONDITIONING
The Hall sensors generate a number of error components in addi-
tion to the desired spatial differential signal:
Uncompensated magnetic bias field due to mismatch of Hall
plate sensitivities, Hall bias current mismatch and variations in
magnetic flux density across the surface of the bias magnet.
Intrinsic Hall plate offset due to lithographic misalignment of
Hall plate contacts, local planar variations in Hall plate diffusion
due to manufacturing tolerances and mechanical stress imposed by
encapsulation.
Temperature dependent sensitivity of the Hall cells is approxi-
mately +450 ppm/ C........(+/-150 ppm / C).
Temperature dependent components of offsets are beyond the
scope of this functional description, however it may be assumed
that their total contribution at the output of the pre amplifiers is in
the order of several hundred millivolts, which may drift with tem-
perature by tens of millivolts in either direction.
From a circuit perspective, the amplifiers will contribute further
input referred offset to the signals. This component is less than 1
mV and typically is of the order of several hundred micro volts.
SIGNAL CONDITIONING
The primary function of the signal conditioning is to compensate
for offset errors and accurately determine the zero crossings of the
differential Hall cell signal component. The differential signals
approximate quadrature sine waves whose frequency is deter-
mined by the rotational speed of the target wheel. The phase rela-
tionship of the quadrature signal is used to determine the direction
of wheel rotation.
Two separate measurement channels are used for signal condition-
ing. The first channel circuitry (Tracker1) is used to determine the
zero crossing information and is the primary source of edge infor-
mation. The second channel (Tracker2) is used only for obtaining
direction information by comparison of signal phase. Each chan-
nel comprises two infinite sample hold circuits built around ten bit
tracking analog to digital convertors.
Peak detection of each of the channel signals is performed by
Tracker1 and Tracker2 using two A/D converter based sample
hold circuits per Tracker. One sample hold circuit follows positive
peaks, the other negative peaks. The potentials of the DAC’s rep-
resent the positive and negative peak values of the signal at any
given time.
Figure 1. AD22157 Hall Array Spacing
1.25mm
1.25mm
Hall Array A
Hall Array B
Hall Array C
Cross Quad Hall Cell
Array
200um dia.
Hall signal A
Hall signal B
Hall signal C
Channel 1 signal A-B
Channel 2 signal l B-C
1.414 *Hall signal
Figure 2. Quadrature Fields Sensed By Hall Array
AD22157
PRELIMINARY TECHNICAL DATA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com