Electronic Components Datasheet Search
  English  ▼

X  

FSL126HR Datasheet(PDF) 2 Page - ON Semiconductor

Part # FSL126HR
Description  Green Mode Power Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSL126HR Datasheet(HTML) 2 Page - ON Semiconductor

  FSL126HR Datasheet HTML 1Page - ON Semiconductor FSL126HR Datasheet HTML 2Page - ON Semiconductor FSL126HR Datasheet HTML 3Page - ON Semiconductor FSL126HR Datasheet HTML 4Page - ON Semiconductor FSL126HR Datasheet HTML 5Page - ON Semiconductor FSL126HR Datasheet HTML 6Page - ON Semiconductor FSL126HR Datasheet HTML 7Page - ON Semiconductor FSL126HR Datasheet HTML 8Page - ON Semiconductor FSL126HR Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
FSL126HR
www.onsemi.com
2
ORDERING INFORMATION
Part Number
Operating Temperature Range
Top Mark
Package
Packing Method
FSL126HR
−40 to 105 °C
FSL126HR
8−Lead, Dual Inline Package (DIP)
Rail
TYPICAL APPLICATION DIAGRAM
Figure 1. Typical Application
INTERNAL BLOCK DIAGRAM
Figure 2. Internal Block Diagram
8V/12V
2
6,7,8
1
3
V REF
Internal
Bias
S
Q
Q
R
OSC
V CC
I DELAY
IFB
V SD
TSD
V OVP
V CC
V
S
Q
Q
R
R
2.5R
V CC Good
V CC
n
V
Drai
FB
GND
AOCP
Gate
Driver
V
5
STR
ICH
V CC Good
V BURL /V BURH
LEB
PWM
4
IPK
Soft
Start
Random
Frequency
Generator
OSP
On-Time
Detector
V CC
OCP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com