Electronic Components Datasheet Search
  English  ▼

X  

B431LCZ Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # B431LCZ
Description  1.24V Adjustable Shunt Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

B431LCZ Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  B431LCZ Datasheet HTML 1Page - List of Unclassifed Manufacturers B431LCZ Datasheet HTML 2Page - List of Unclassifed Manufacturers B431LCZ Datasheet HTML 3Page - List of Unclassifed Manufacturers B431LCZ Datasheet HTML 4Page - List of Unclassifed Manufacturers B431LCZ Datasheet HTML 5Page - List of Unclassifed Manufacturers B431LCZ Datasheet HTML 6Page - List of Unclassifed Manufacturers B431LCZ Datasheet HTML 7Page - List of Unclassifed Manufacturers B431LCZ Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Bay Linear, Inc
2418 Armstrong Street, Livermore, CA 94550 Tel: (925) 606-5950, Fax: (925) 940-9556
www.baylinear.com
B431L
INTEL
I 740
+3.3V
470µF
0.1µF
PHD 3055E
2.7V
+12V
0.1µF
B431L
120
Ω
140
Ω
500Ω
0.1µF
1000µF
0.1µF
*If the output voltage has noise, then please add a 0.1
µF in between drain and gate of power MOSFET to
reduce the noise.
Application Circuit:
Test Circuits:



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com