Electronic Components Datasheet Search
  English  ▼

X  

SR10200CS Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # SR10200CS
Description  SCHOTTKY BARRIER RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

SR10200CS Datasheet(HTML) 1 Page - Rectron Semiconductor

  SR10200CS Datasheet HTML 1Page - Rectron Semiconductor SR10200CS Datasheet HTML 2Page - Rectron Semiconductor SR10200CS Datasheet HTML 3Page - Rectron Semiconductor SR10200CS Datasheet HTML 4Page - Rectron Semiconductor SR10200CS Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SCHOTTKY BARRIER RECTIFIER
VOLTAGE RANGE 20 to 200 Volts CURRENT 10.0 Ampere
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SR10200CS
THRU
SR1020CS
FEATURES
* Low swit ching noise
* Low forward volt age drop
* Low t hermal resist ance
* High current capabilit y
* High swit ching capabilit y
* High surge capabit it y
* High reliabilit y
MECHANICAL DATA
* Case: D2-PAK molded plast ic
* Epoxy: Device has UL flammability classification 94V-O
* Lead: MIL-STD-202E met hod 208C guarant eed
* Mount ing posit ion: Any
* Weight : 2 .24 grams
MAXIMUM RATINGS (@ TA=25 OC unless otherwise noted)
ELECTRICAL CHARACTERISTICS(@TA=25 OC unless otherwise noted)
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
at Derating Case Temperature
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Typical Thermal Resistance (Note 1)
Typical Junction Capacitance (Note 3)
SYMBOL
VRRM
VDC
IFSM
CJ
TSTG
VRMS
UNITS
Volts
Volts
Volts
Amps
10.0
150
3.0
60
700
Amps
0 C/W
0 C
Storage Temperature Range
R
θ JC
R
θ JA
IO
pF
Operating Temperature Range
TJ
SR1020CS
20
150
-55 to + 150
0 C
SR1035CS
SR1030CS
30
35
40
45
50
60
14
21
25
28
32
35
42
20
30
35
40
45
50
60
80
100
150
200
80
100
150
200
56
70
105
140
450
NOTES : 1. Thermal Resistance : Heat-sink mounted.
2. Suffix “A” = Common Anode.
3. Measured at 1 MHz and applied reverse voltage of 4.0 volts.
4. "Fully ROHS compliant", "100% Sn plating (Pb-free)".
2016-10
REV:A
CHARACTERISTICS
Maximum Average Reverse Current
at Rated DC Blocking Voltage
VF
SYMBOL
IR
mA
Maximum Instantaneous Forward Voltage at 5.0A DC
Volts
0.2
2
@TA = 25
oC
@TA = 100
oC
.65
mA
UNITS
.75
.85
SR1040CS
SR10150CS
SR10100CS
SR1080CS
SR10200CS
SR1060CS
SR1050CS
SR1020CS
SR1035CS
SR1030CS
SR1040CS
SR10150CS
SR10100CS
SR1080CS
SR10200CS
SR1060CS
SR1050CS
SR1045CS
SR1045CS
D2-PAK
Dimensions in inches and (millimeters)
PIN 1
PIN 1
PIN 3
PIN 3
HEATSINK
PIN 2
PIN 2
.412 (10.46)
.388 (9.86)
.189 (4.80)
.173 (4.40)
.053 (1.35)
.049 (1.25)
.020 (0.50)
.055 (1.40)
.047 (1.20)
.202 (5.13)
.028 (0.71)
.198 (5.03)
.036 (0.91)
.012 (0.30)
I
2t
93.37
A
2/Sec
Typical Current Squarad Time


Similar Part No. - SR10200CS

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SR10200C RECTRON-SR10200C Datasheet
233Kb / 3P
SCHOTTKY BARRIER RECTIFIER
logo
PACELEADER INDUSTRIAL
SR10200C PACELEADER-SR10200C Datasheet
442Kb / 2P
10.0A SCHOTTKY BARRIER RECTIFIERS -40V- 200V
logo
Rectron Semiconductor
SR10200CK RECTRON-SR10200CK Datasheet
285Kb / 5P
SCHOTTKY BARRIER RECTIFIER
logo
Goodwork Semiconductor ...
SR10200CT GWSEMI-SR10200CT Datasheet
70Kb / 2P
10 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Nanjing International G...
SR10200CT DGNJDZ-SR10200CT Datasheet
90Kb / 2P
SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SR10200CS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYS1190 VISHAY-BYS1190 Datasheet
51Kb / 4P
Schottky Barrier Rectifier
24-Jun-98
logo
Shanghai Sunrise Electr...
1N5820 SSE-1N5820 Datasheet
13Kb / 1P
SCHOTTKY BARRIER RECTIFIER
SB820 SSE-SB820 Datasheet
23Kb / 1P
SCHOTTKY BARRIER RECTIFIER
logo
Fairchild Semiconductor
FYP2004DN FAIRCHILD-FYP2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF1010DN FAIRCHILD-FYPF1010DN Datasheet
50Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF2004DN FAIRCHILD-FYPF2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Lunsure Electr...
SR820 CHENYI-SR820 Datasheet
153Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF1620 CHENYI-SRF1620 Datasheet
138Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF735 CHENYI-SRF735 Datasheet
178Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
Schottky Barrier Rectifier Schottky Barrier Type
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com