Electronic Components Datasheet Search
  English  ▼

X  

HMC281 Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC281
Description  GaAs MMIC LOW NOISE AMPLIFIER 18 - 32 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC281 Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC281 Datasheet HTML 1Page - Hittite Microwave Corporation HMC281 Datasheet HTML 2Page - Hittite Microwave Corporation HMC281 Datasheet HTML 3Page - Hittite Microwave Corporation HMC281 Datasheet HTML 4Page - Hittite Microwave Corporation HMC281 Datasheet HTML 5Page - Hittite Microwave Corporation HMC281 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
1 - 55
12 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Web Site: www.hittite.com
MICROWAVE CORPORATION
FEBRUARY 2001
1
HMC281 LOW NOISE AMPLIFIER 18 - 32 GHz
10
12
14
16
18
20
22
24
26
28
30
10
15
20
25
30
35
40
FREQUENCY (GHz)
+85 C
-55 C
+25 C
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
10
15
20
25
30
35
40
FREQUENCY (GHz)
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
10
15
20
25
30
35
40
FREQUENCY (GHz)
0
1
2
3
4
5
6
7
8
15
20
25
30
35
FREQUENCY (GHz)
+85 C
-55 C
+25 C
Input Match
Output Match
Gain vs. Temperature
Noise Figure vs. Temperature
All data is with the chip in a 50 ohm test fixture connected via ribbon bonds of minimal length.
HMC281
V
02.0500



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com