Electronic Components Datasheet Search
  English  ▼

X  

MAX77597 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX77597
Description  36V, 300mA, Buck Converter with 1.1μA IQ
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX77597 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX77597 Datasheet HTML 1Page - Maxim Integrated Products MAX77597 Datasheet HTML 2Page - Maxim Integrated Products MAX77597 Datasheet HTML 3Page - Maxim Integrated Products MAX77597 Datasheet HTML 4Page - Maxim Integrated Products MAX77597 Datasheet HTML 5Page - Maxim Integrated Products MAX77597 Datasheet HTML 6Page - Maxim Integrated Products MAX77597 Datasheet HTML 7Page - Maxim Integrated Products MAX77597 Datasheet HTML 8Page - Maxim Integrated Products MAX77597 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
General Description
The MAX77597 is a small, synchronous buck converter
with integrated switches. The device is designed to
deliver up to 300mA with input voltages from 3.5V to
36V, while using only 1.1µA quiescent current at no load
(fixed-output version). Voltage quality can be monitored
by observing the RESET signal. The device can operate
near dropout by running at 98% duty cycle, making it ideal
for battery-powered applications.
The device offers fixed 3.3V. Frequency is fixed at
1.7MHz, which allows for small external components and
reduced output ripple. The device offers both forced-PWM
and skip modes of operation, with ultra-low quiescent cur-
rent of 1.1µA in skip mode.
The MAX77597 is available in a small (2mm x 2.5mm)
10-pin TDFN package and operates across the -40°C to
+85°C temperature range.
Applications
● Portable Devices Powered from 2s, 3s,
or 4s Li+ Batteries
● USB Type-C Devices
● Point-of-Load Applications
Benefits and Features
● Flexible Power for Systems That Require a Wide
Input Voltage Range
• VIN Range: 3.5V to 36V
• Up to 300mA Output Current
• Fixed 3.3V, Output Voltage
• 98% (Max) Duty Cycle Operation with Low
Dropout
• Operates from 5V, 12V, or 20V USB Type-C Input
Power
• Operates from 2S, 3S, or 4S Li-Ion Battery
● Minimizes Power Consumption and Extends Battery
Life
• 1.1µA Quiescent Current (3.3V Fixed Output
Voltage)
• 86% Peak Efficiency at 12VIN, 3.3 VOUT
● Minimizes Solution Size
• 1.7MHz Operating Frequency
• Small 2.0mm x 2.5mm x 0.75mm 10-Pin TDFN
Package
● Robust Solution
• Short-Circuit, Thermal Protections
• 6.67ms Internal Soft-Start Minimizes Inrush Current
• Current-Mode Control Architecture
• Up to 42V Input Voltage Tolerance
19-100785; Rev 1; 4/20
Ordering Information appears at end of data sheet.
Click
here to ask about the production status of specific part numbers.
MAX77597
36V, 300mA, Buck Converter with 1.1µA IQ
EVALUATION KIT AVAILABLE


Similar Part No. - MAX77597

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX77597 MAXIM-MAX77597 Datasheet
827Kb / 7P
Simple Two-Layer Board Serves as a Reference Design
Rev 0; 10/20
MAX77597EVKIT MAXIM-MAX77597EVKIT Datasheet
827Kb / 7P
Simple Two-Layer Board Serves as a Reference Design
Rev 0; 10/20
More results

Similar Description - MAX77597

ManufacturerPart #DatasheetDescription
logo
Major-Power Technology ...
MA5609 MPOWER-MA5609 Datasheet
472Kb / 9P
36V Synchronous Buck Converter
MA5611 MPOWER-MA5611 Datasheet
396Kb / 7P
36V Synchronous Buck Converter
logo
Maxim Integrated Produc...
MAX25232 MAXIM-MAX25232 Datasheet
571Kb / 21P
36V, 3A Mini Buck Converters with 3.5μA IQ
Rev 1; 10/20
MAX20077 MAXIM-MAX20077 Datasheet
1Mb / 18P
36V, 2.5A Mini Buck Converters with 3.5μA IQ
Rev 6; 6/19
MAX20079 MAXIM-MAX20079 Datasheet
1Mb / 16P
Automotive 36V 3.5A Buck Converter with 3.5μA Iq
Rev 3; 7/19
MAX20098 MAXIM-MAX20098 Datasheet
638Kb / 28P
Versatile Automotive 36V 2.2MHz Buck Controller with 3.5μA IQ
Rev 15; 12/20
MAX20076E MAXIM-MAX20076E Datasheet
138Kb / 3P
36V, 600mA/1.2A Mini Buck Converter with 3.5關A IQ
MAX25231 MAXIM-MAX25231 Datasheet
691Kb / 16P
36V, 1.2A Mini Buck Converter with 3.5關A IQ
2021
MAX25232 MAXIM-MAX25232_V01 Datasheet
541Kb / 19P
36V, 3A Mini Buck Converters with 3.5關A IQ
2021
MAX16956 MAXIM-MAX16956_V01 Datasheet
1Mb / 17P
36V, 300mA, Mini Buck Converter with 1.1關A IQ
2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com