Electronic Components Datasheet Search
  English  ▼

X  

MAX77756 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX77756
Description  24V Input, 500mA Buck Regulator with Dual-Input Power MUX
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX77756 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX77756 Datasheet HTML 1Page - Maxim Integrated Products MAX77756 Datasheet HTML 2Page - Maxim Integrated Products MAX77756 Datasheet HTML 3Page - Maxim Integrated Products MAX77756 Datasheet HTML 4Page - Maxim Integrated Products MAX77756 Datasheet HTML 5Page - Maxim Integrated Products MAX77756 Datasheet HTML 6Page - Maxim Integrated Products MAX77756 Datasheet HTML 7Page - Maxim Integrated Products MAX77756 Datasheet HTML 8Page - Maxim Integrated Products MAX77756 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
(VSUP = VEN = 12V, VIO = 1.8V, VIN1 = VIN2 = 0V, configuration registers in reset. Limits are 100% production tested at TA = +25°C,
limits over TA = -40°C to +85°C are guaranteed by design and characterization, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
FB VOLTAGE ACCURACY
FB Voltage Accuracy
VFB
External
feedback
version
VSUP = 12V,
ILOAD = 250mA,
TA = +25°C
0.99
1
1.01
V
VSUP = 3.0V to 24V,
ILOAD = 0mA to 500mA,
TA = -40°C to +85°C
0.97
1
1.03
FB Input Current
IFB
VFB = 1V, external feedback version
0.02
µA
OUT/FB Wake-Up
Threshold
VWAKE
Standby mode exit threshold,
ILOAD = 0mA, expressed as a
percentage of VOUT-REG
99
%
OUT/FB Load Regulation
0 to 300mA load, FPWM mode (Note 2)
1
%
OUT/FB Line Regulation
VSUP = 4.5V to 24V, VOUT = 3.3V,
FPWM mode (Note 2)
0.02
%/VSUP
OUT/FB Soft-Start Ramp
Time
tSS
SOFT_ST = 1
4
ms
SOFT_ST = 0
8
High-Side MOSFET
On-Resistance
RON-HS
VBIAS = 5V, ILX = 90mA
500
800
mΩ
Low-Side MOSFET
On-Resistance
RON-LS
VBIAS = 5V, ILX = 90mA
500
800
mΩ
High-Side MOSFET Peak
Current Limit
ILX-PEAK
I_PEAK[1:0] = 0b00
700
mA
I_PEAK[1:0] = 0b01
800
I_PEAK[1:0] = 0b10
800
900
1000
I_PEAK[1:0] = 0b11
1000
Low-Side MOSFET Valley
Current Threshold
ILX-VALLEY
Output overloaded (VOUT < 25% of VOUT-
REG), threshold below where
on-times are allowed to start
500
mA
High-Side MOSFET
Minimum Current
Threshold
ILX-PK-MIN
Inductor current ramps to at least
ILX-PK-MIN while skipping
200
mA
Low-Side MOSFET
Zero-Crossing Threshold
IZX
40
mA
Minimum On-Time (Note 3)
tON-MIN
VOUT = 3.3V
80
ns
Maximum Duty Cycle
DMAX
99
%
Switching Frequency
fSW
Continuous conduction
0.94
1
1.06
MHz
Spread-Spectrum
Frequency Range
∆fSW
Spread-spectrum enabled
±6
%
Electrical Characteristics (continued)
www.maximintegrated.com
Maxim Integrated │ 4
MAX77756
24V Input, 500mA Buck Regulator
with Dual-Input Power MUX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com