Electronic Components Datasheet Search
  English  ▼

X  

MAX77874 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX77874
Description  16A High-Performance Quad-Phase Buck Regulator for Multicore CPU and GPU Processors
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX77874 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX77874 Datasheet HTML 17Page - Maxim Integrated Products MAX77874 Datasheet HTML 18Page - Maxim Integrated Products MAX77874 Datasheet HTML 19Page - Maxim Integrated Products MAX77874 Datasheet HTML 20Page - Maxim Integrated Products MAX77874 Datasheet HTML 21Page - Maxim Integrated Products MAX77874 Datasheet HTML 22Page - Maxim Integrated Products MAX77874 Datasheet HTML 23Page - Maxim Integrated Products MAX77874 Datasheet HTML 24Page - Maxim Integrated Products MAX77874 Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
25Ω). When the buck is enabled, the discharge resistors
are automatically disconnected regardless the state of the
BUCK0ADEN bit. Therefore, if active discharge is always
desired, the bit can be left enabled (logic 1) without caus-
ing additional loading when the buck is enabled.
Full Shutdown
By default, when the buck regulator is disabled, its bias
circuits are also disabled to save supply current. When
enabling the buck regulator, the bias is automatically
enabled and disabled. If faster startup is desired, the bias
circuits can be pre-enabled by setting the BIASEN bit
in the BUCK0CNFG0 register to logic 1. This comes at
the expense of higher supply current when the buck is
disabled.
Even when the regulator and the bias are disabled, top-
level circuits in the MAX77874 are still alive. The I2C is
active and registers can still be read from and written
to. Setting VIO = 0V turns off the top-level circuits and
results in the lowest possible shutdown current at VIN.
Additionally, when VIO = 0V, all registers are reset to their
default values.
See the Typical Operating Characteristics for a graph of
supply current in each operating mode, as well as a scope
photo of the faster startup.
Output Voltage Selection
The output voltage is I2C programmable from 0.25V to
1.3V in 5mV steps using the I2C_SD0_VOUT[7:0] bits in
the I2C_SD0_VOUT configuration register. The default
setting is trimmed to 0x82 = 0.900V. Consult the factory
if a different default setting is required. This setting is
programmable with the quad phase core buck enabled
or disabled.
Dynamic Voltage Scaling (DVS)
The quad phase core buck includes DVS functionality.
The DVS output voltage is I2C programmable from 0.25V
to 1.3V in 5mV steps using the VBUCKDVS[7:0] bits in
the VBUCKDVS configuration register. The default setting
is trimmed to 0x82 = 0.900V. Consult the factory if a differ-
ent default setting is required. The setting is programma-
ble with the quad phase core buck enabled or disabled.
DVS Functionality
The purpose of the DVS function is to allow the buck
output voltage to quickly change from one output voltage
to another. An I2C write of a register can take several
microseconds to a few milliseconds to complete depend-
ing upon the I2C speed. The I2C_SDOUT_VOUT[7:0]
register controls the buck output voltage when the DVS
pin is low. When the DVS pin is high, the buck output
voltage is controlled by the VBUCKDVS[7:0] register. See
Figure 1. When the I2C_SDOUT_VOUT register is set at
a higher voltage than the VBUCKDVS register and the
DVS pin transitions from low to high, then the buck output
voltage falls to the voltage set by the VBUCKDVS register
at a slew rate specified by the BUCK0FSR[1:0] bits in the
BUCK0CNFG1 register. When the DVS pin transitions
back from high to low, then the buck output voltage rises
to the value specified by the I2C_SDOUT_VOUT register
at a slew rate specified by the BUCK0RSR[1:0] bits in the
BUCK0CNFG1 register.
Figure 1. DVS Functionality
VOLTAGE SPECIFIED BY
I2C_SDOUT_VOUT
REGISTER
FALL SLEW RATE
SPECIFIED BY
BUCK0FSR
VOLTAGE SPECIFIED BY
VBUCKDVS REGISTER
RISE SLEW RATE
SPECIFIED BY
BUCK0RSR
BUCK OUTPUT
VOLTAGE
DVS PIN
MAX77874
16A High-Performance Quad-Phase Buck Regulator
for Multicore CPU and GPU Processors
www.maximintegrated.com
Maxim Integrated │ 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com