Electronic Components Datasheet Search
  English  ▼

X  

LCS-151-C/E2 Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # LCS-151-C/E2
Description  Plug-in Signal Conditioners M-UNIT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

LCS-151-C/E2 Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  LCS-151-C/E2 Datasheet HTML 1Page - M-System Co.,Ltd. LCS-151-C/E2 Datasheet HTML 2Page - M-System Co.,Ltd. LCS-151-C/E2 Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MODEL: LCS
LCS SPECIFICATIONS
ES-1360 Rev.3 Page 3/3
http://www.m-system.co.jp/
EXTERNAL VIEW
LCD Meter
Span Adj.
Zero Adj.
Excitation Adj.
Loop Test Selector
Top
Middle
Bottom
: 0% fixed
: 100% fixed
: Cancel
(normal operating mode)
NEXT Key
ENTER Key
■ Option /E
■ Option /E2
LCD Meter
Span Adj.
Zero Adj.
Excitation Adj.
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch)
5
6
7
8
2
1
11
10
50 (1.97)
107 (4.21)
136 (5.35)
[3.3 (.13)]
40 (1.57)
50 (1.97)
7.8 (.31)
CLAMP
(top & bottom)
DIN RAIL
35mm wide
2–4.5 (.18) dia.
MTG HOLE
25 (.98) deep
11–M3.5
SCREW
• When mounting, no extra space is needed between units.
3
9
4
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
Isolation
*
Base Socket
Low Drift
Amplifier
Output
Driver
1
2
Z
S
7
8
+ 10
3
9
11
6
+
STRAIN
GAUGE
Option /E, E2
Option /E2
Low Drift
DC Volt.
Stabilizer
EXC.
LOOP TEST
SELECTOR
**
*
**
+
–
OUTPUT
U(+)
V(–)
POWER
–
–
Specifications are subject to change without notice.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com