Electronic Components Datasheet Search
  English  ▼

X  

LTCE Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # LTCE
Description  Power Transducer Series LT-UNIT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

LTCE Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  LTCE Datasheet HTML 1Page - M-System Co.,Ltd. LTCE Datasheet HTML 2Page - M-System Co.,Ltd. LTCE Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: LTCE
LTCE SPECIFICATIONS
ES-3351 Rev.11 Page 1/3
https://www.m-system.co.jp/
Power Transducer Series LT-UNIT
AC CURRENT TRANSDUCER
(RMS sensing)
Functions & Features
• Converts alternating current from a current transformer
into a standard process signal
• Minimum ripple
• Isolation up to 2000 V AC
• High-density mounting
• Conforms to IEC 60688
Typical Applications
• Centralized monitoring and control of motors, pumps or
heaters by DCS
• Monitoring power line and power supply current
39
(1.54)
143 (5.63)
111
(4.37)
mm (inch)
MODEL: LTCE–[1][2]–[3][4]
ORDERING INFORMATION
• Code number: LTCE–[1][2]-[3][4]
Specify a code from below for each of [1] through [4].
(e.g. LTCE-5A-K3/T/Q)
• Special output range (For codes Z & 0)
• Specify the specification for option code /Q
(e.g. /C01)
[1] INPUT
Current
1: 0 – 1 A AC
2: 0 – 2 A AC
5: 0 – 5 A AC
[2] OUTPUT
Current
A: 4 – 20 mA DC (Load resistance 500 Ω max.)
D: 0 – 20 mA DC(Load resistance 500 Ω max.)
F: 0 – 10 mA DC (Load resistance 1000 Ω max.)
G: 0 – 1 mA DC (Load resistance 10 kΩ max.)
J: 0 – 5 mA DC (Load resistance 2000 Ω max.)
Z: Specify current (See OUTPUT SPECIFICATIONS)
Voltage
1: 0 – 10 mV DC (Load resistance 10 kΩ min.)
2: 0 – 100 mV DC (Load resistance 100 kΩ min.)
3: 0 – 1 V DC (Load resistance 1000 Ω min.)
4: 0 – 10 V DC (Load resistance 10 kΩ min.)
5: 0 – 5 V DC (Load resistance 5000 Ω min.)
6: 1 – 5 V DC (Load resistance 5000 Ω min.)
0: Specify voltage (See OUTPUT SPECIFICATIONS)
[3] AUXILIARY POWER SUPPLY
AC Power
K3: 100 – 120V AC
(Operational voltage range 85 - 132 V, 47 - 66 Hz)
L3: 200 – 240V AC
(Operational voltage range 170 - 264 V, 47 - 66 Hz)
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
V: 48 V DC
(Operational voltage range 48 V ± 10 % , ripple 10 % p-p max.)
P: 110 V DC
(Operational voltage range 85 – 150 V, ripple 10 %p-p max.)
(CE not available)
[4] OPTIONS (multiple selections)
Terminal Cover
blank: Without
/T: With
Other Options
blank: none
/Q: Option other than the above (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
GENERAL SPECIFICATIONS
Connection: M4 screw terminals (torque 1.2 N·m)
Screw terminal: Chrome-plated steel
Housing material: Flame-resistant resin (black)
Isolation: Input to output to auxiliary power
Input waveform: Up to 15 % of 3rd harmonic content
Overrange output: 0 to 120 % at 1 – 5 V
Zero adjustment: -5 to +5 % (front)
Span adjustment: 95 to 105 % (front)


Similar Part No. - LTCE

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
LTCEC MSYSTEM-LTCEC Datasheet
175Kb / 6P
Power Transducer Series LT-UNIT
LTCEC-11001-B MSYSTEM-LTCEC-11001-B Datasheet
175Kb / 6P
Power Transducer Series LT-UNIT
LTCEC-11001-B/Q MSYSTEM-LTCEC-11001-B/Q Datasheet
175Kb / 6P
Power Transducer Series LT-UNIT
LTCEC-11001-C MSYSTEM-LTCEC-11001-C Datasheet
175Kb / 6P
Power Transducer Series LT-UNIT
LTCEC-11001-C/Q MSYSTEM-LTCEC-11001-C/Q Datasheet
175Kb / 6P
Power Transducer Series LT-UNIT
More results

Similar Description - LTCE

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
LTHZ MSYSTEM-LTHZ Datasheet
107Kb / 3P
Power Transducer Series LT-UNIT
LTRPN MSYSTEM-LTRPN Datasheet
125Kb / 3P
Power Transducer Series LT-UNIT
LTRP MSYSTEM-LTRP Datasheet
156Kb / 7P
Power Transducer Series LT-UNIT
LTPFUN MSYSTEM-LTPFUN Datasheet
115Kb / 3P
Power Transducer Series LT-UNIT
LTPFU MSYSTEM-LTPFU Datasheet
121Kb / 4P
Power Transducer Series LT-UNIT
LTPE MSYSTEM-LTPE Datasheet
99Kb / 3P
Power Transducer Series LT-UNIT
LTPAUN MSYSTEM-LTPAUN Datasheet
115Kb / 3P
Power Transducer Series LT-UNIT
LTPAU MSYSTEM-LTPAU Datasheet
121Kb / 4P
Power Transducer Series LT-UNIT
LTPAN MSYSTEM-LTPAN Datasheet
114Kb / 3P
Power Transducer Series LT-UNIT
LTPA MSYSTEM-LTPA Datasheet
118Kb / 3P
Power Transducer Series LT-UNIT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com