Electronic Components Datasheet Search
  English  ▼

X  

STPS10200SF Datasheet(PDF) 4 Page - STMicroelectronics

Part # STPS10200SF
Description  200 V, 10 A power Schottky rectifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS10200SF Datasheet(HTML) 4 Page - STMicroelectronics

  STPS10200SF Datasheet HTML 1Page - STMicroelectronics STPS10200SF Datasheet HTML 2Page - STMicroelectronics STPS10200SF Datasheet HTML 3Page - STMicroelectronics STPS10200SF Datasheet HTML 4Page - STMicroelectronics STPS10200SF Datasheet HTML 5Page - STMicroelectronics STPS10200SF Datasheet HTML 6Page - STMicroelectronics STPS10200SF Datasheet HTML 7Page - STMicroelectronics STPS10200SF Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2
Package information
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK packages,
depending on their level of environmental compliance. ECOPACK specifications, grade definitions and product
status are available at: www.st.com. ECOPACK is an ST trademark.
2.1
PSMC (TO-277A) package information
•
Epoxy meets UL94,V0
•
Cooling method : by conduction (C)
Figure 7. PSMC (TO-277A) package outline
STPS10200SF
Package information
DS13598 - Rev 1
page 4/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com