Electronic Components Datasheet Search
  English  ▼

X  

BAT54CV Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # BAT54CV
Description  SCHOTTKY BARRIER DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

BAT54CV Datasheet(HTML) 1 Page - Rectron Semiconductor

  BAT54CV Datasheet HTML 1Page - Rectron Semiconductor BAT54CV Datasheet HTML 2Page - Rectron Semiconductor BAT54CV Datasheet HTML 3Page - Rectron Semiconductor BAT54CV Datasheet HTML 4Page - Rectron Semiconductor BAT54CV Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SCHOTTKY BARRIER DIODE
FEATURES
Extremely Fast Switching Speed
MAXIMUM RATINGS ( Ta=25
℃
℃ unless otherwise noted )
Parameter
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
40
V
Forward Continuous Current
IFM
200
mA
Non-repetitive Peak Forward Surge Current @ t 8.3ms
IFSM
600
mA
Repetitive Peak Forward Current @ t
1s,
0.5
IFRM
300
mA
Power Dissipation
PD
200
mW
Thermal Resistance from Junction to Ambient
RΘJA
500
℃/W
Junction Temperature
Tj
125
℃
Storage Temperature
Tstg
-55~+150
℃
ELECTRICAL CHARACTERISTICS(Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
Reverse voltage
V(BR)
40
V
IR=100μA
Forward voltage
VF
0.24
V
IF1=0.1mA
0.32
V
IF2=1mA
0.40
V
IF3=10mA
0.50
V
IF4=30mA
1
V
IF5=100mA
Reverse current
IR
2
μA
VR=25V
Diode capacitance
CD
10
pF
VR=1V,f=1MHz
Reverse recovery time
trr
5
ns
IF=IR=10mA
Irr=0.1
IR,RL=100
SOT-23
MARKING:
BAT54
BAT54A
BAT54C
BAT54S
BAT54V
2020-11/03
REV: O
I
2 T
A
2S
0.15
Typical Current Squared Time
Halogen-free
P/N suffix V means AEC-
Marking KL2/L42
Marking KL1/L4/L4P
Marking KL3/L43
Marking KL4/L44
BAT54AV
BAT54CV
BAT54SV


Similar Part No. - BAT54CV

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAT54CV NXP-BAT54CV Datasheet
103Kb / 9P
Two Schottky barrier double diodes in ultra small SOT666 package
Rev. 02-15 January 2010
logo
Nexperia B.V. All right...
BAT54CV NEXPERIA-BAT54CV Datasheet
194Kb / 8P
Two Schottky barrier double diodes
27 December 2022
logo
NXP Semiconductors
BAT54CV PHILIPS-BAT54CV_15 Datasheet
271Kb / 10P
Two Schottky barrier double diodes
Rev. 3-15 November 2010
More results

Similar Description - BAT54CV

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1PS74SB43 PHILIPS-1PS74SB43 Datasheet
49Kb / 8P
Schottky barrier diode
1999 Dec 10
1PS79SB62 PHILIPS-1PS79SB62 Datasheet
56Kb / 8P
Schottky barrier diode
2001 Jan 18
logo
Vishay Siliconix
BAS85 VISHAY-BAS85 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
BAS86 VISHAY-BAS86 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
logo
Diodes Incorporated
BAT46 DIODES-BAT46 Datasheet
49Kb / 1P
SCHOTTKY BARRIER DIODE
DS11002 Rev. E-2
SD103A DIODES-SD103A Datasheet
66Kb / 3P
SCHOTTKY BARRIER DIODE
DS11009 Rev. 11 - 2
logo
ON Semiconductor
NSR0230P2T5G ONSEMI-NSR0230P2T5G Datasheet
42Kb / 3P
Schottky Barrier Diode
October, 2006 ??Rev. 0
logo
Unisonic Technologies
RB520S30 UTC-RB520S30 Datasheet
38Kb / 3P
SCHOTTKY BARRIER DIODE
logo
Champion Microelectroni...
CMS-S060-060 CHAMP-CMS-S060-060 Datasheet
21Kb / 1P
SCHOTTKY BARRIER DIODE
logo
Shindengen Electric Mfg...
DF20NC15 SHINDENGEN-DF20NC15 Datasheet
641Kb / 2P
Schottky Barrier Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com