Electronic Components Datasheet Search
  English  ▼

X  

MAX1687ESA Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX1687ESA
Description  Step-Up DC-DC Converters with Precise, Adaptive Current Limit for GSM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1687ESA Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX1687ESA Datasheet HTML 1Page - Maxim Integrated Products MAX1687ESA Datasheet HTML 2Page - Maxim Integrated Products MAX1687ESA Datasheet HTML 3Page - Maxim Integrated Products MAX1687ESA Datasheet HTML 4Page - Maxim Integrated Products MAX1687ESA Datasheet HTML 5Page - Maxim Integrated Products MAX1687ESA Datasheet HTML 6Page - Maxim Integrated Products MAX1687ESA Datasheet HTML 7Page - Maxim Integrated Products MAX1687ESA Datasheet HTML 8Page - Maxim Integrated Products MAX1687ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Step-Up DC-DC Converters with
Precise, Adaptive Current Limit for GSM
_______________________________________________________________________________________
5
Typical Operating Characteristics (continued)
(VIN = +3.3V, VOUT = 5V, VLIM = 1V, Figures 6b and 7, TA = +25°C, unless otherwise noted.)
500mA/div
500mA/div
200mV/div
VOUT
1ms/div
ILX
ILOAD
MAX1688
SWITCHING WAVEFORMS
(GSM PULSED LOAD 1A, RCHG = 40.2kΩ)
MAX1687/88 toc11
RCHL = 40.2kΩ, L = 10µH
200mA/div
0A
VLIM = 1V
VLIM = 0
2
µs/div
ILX
ILX
INDUCTOR CURRENT
MAX1687/88 toc13
200mA/div
1V/div
IBATTERY
VON
10
µs/div
MAX1687/88 toc15
VON vs. BATTERY CURRENT
2V/div
1V/div
VON
VOUT
5ms/div
MAX1687/88 toc14
POWER-UP WAVEFORM
(RLOAD = 15Ω COUT = 2000µF)
500mA/div
500mA/div
200mV/div
VOUT
1ms/div
ILX
ILOAD
MAX1688
SWITCHING WAVEFORMS
(GSM PULSED LOAD 1A, RCHG = 18kΩ)
MAX1687/88 toc12
RCHG = 18kΩ, L = 10µH
500mA/div
100mV/div
VOUT
500
µs/div
ILX
SWITCHING WAVEFORMS
(FIXED ILOAD = 300mA)
MAX1687/88 toc10a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com