Electronic Components Datasheet Search
  English  ▼

X  

MAX15032 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX15032
Description  500kHz, 36V Output, 600mW PWM Step-Up DC-DC Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15032 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX15032 Datasheet HTML 1Page - Maxim Integrated Products MAX15032 Datasheet HTML 2Page - Maxim Integrated Products MAX15032 Datasheet HTML 3Page - Maxim Integrated Products MAX15032 Datasheet HTML 4Page - Maxim Integrated Products MAX15032 Datasheet HTML 5Page - Maxim Integrated Products MAX15032 Datasheet HTML 6Page - Maxim Integrated Products MAX15032 Datasheet HTML 7Page - Maxim Integrated Products MAX15032 Datasheet HTML 8Page - Maxim Integrated Products MAX15032 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
500kHz, 36V Output, 600mW PWM
Step-Up DC-DC Converter
4
_______________________________________________________________________________________
EFFICIENCY
vs. LOAD CURRENT
LOAD CURRENT (mA)
45
40
30 35
10 15 20 25
5
40
45
50
55
60
65
70
75
80
85
90
35
050
VOUT = 12V
VIN = 3.3V
VOUT = 12V
VIN = 5V
L = 3.3
μH
MAXIMUM LOAD CURRENT
vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
10
9
7
8
4
5
6
3
30
60
90
120
150
180
210
240
270
300
330
360
0
211
L = 4.7
μH FOR VOUT = 36V, 30V, AND 24V
VOUT = 12V
L = 3.3
μH
VOUT = 24V
VOUT = 30V
VOUT = 36V
MINIMUM STARTUP VOLTAGE
vs. LOAD CURRENT
LOAD CURRENT (mA)
18
16
12 14
4
6
8
10
2
2.35
2.40
2.45
2.50
2.55
2.60
2.65
2.70
2.75
2.80
2.30
020
VOUT = 30V
SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
10
9
3
4
5
7
6
8
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0
211
VFB = 1.4V
SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
110
95
65 80
-10 5
20 35 50
-25
0.55
0.60
0.65
0.70
0.75
0.80
0.85
0.90
0.95
1.00
0.50
-40
125
VFB = 1.4V
SWITCHING FREQUENCY
vs. TEMPERATURE
TEMPERATURE (
°C)
110
95
65 80
-10 5
20 35 50
-25
460
470
480
490
500
510
520
530
540
550
450
-40
125
VIN = 5V
EXITING SHUTDOWN
MAX15032 toc10
1ms/div
VSHDN
2V/div
VOUT
10V/div
IL
500mA/div
VIN = 5V
IOUT = 1mA
ENTERING SHUTDOWN
MAX15032 toc11
20ms/div
VSHDN
2V/div
VOUT
10V/div
VIN = 5V
IOUT = 1mA
SWITCHING WAVEFORMS
MAX15032 toc12
1
μs/div
VOUT
(AC-COUPLED)
50mV/div
VLX
20V/div
IL
500mA/div
IOUT = 20mA
Typical Operating Characteristics (continued)
(VIN = 3.3V, L1 = 4.7µH, R1 = 143k
Ω, R2 = 6.2kΩ, CIN = 10µF, COUT = 2.2µF, CCP = 10nF, see the Typical Operating Circuit.
TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com