Electronic Components Datasheet Search
  English  ▼

X  

MAX15158 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX15158
Description  High-Voltage Multiphase Boost Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15158 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX15158 Datasheet HTML 17Page - Maxim Integrated Products MAX15158 Datasheet HTML 18Page - Maxim Integrated Products MAX15158 Datasheet HTML 19Page - Maxim Integrated Products MAX15158 Datasheet HTML 20Page - Maxim Integrated Products MAX15158 Datasheet HTML 21Page - Maxim Integrated Products MAX15158 Datasheet HTML 22Page - Maxim Integrated Products MAX15158 Datasheet HTML 23Page - Maxim Integrated Products MAX15158 Datasheet HTML 24Page - Maxim Integrated Products MAX15158 Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
Overvoltage Protection (OVP)
MAX15158/MAX15158A has an OVP comparator to
monitor the FB voltage. The device can be configured
to disable OVP or select OVP threshold of 110% by
connecting a resistor from the OVP pin to GND. FB OVP
is also disabled when the voltage on the SS pin is below
1V. Once OVP is enabled, the drivers start switching, and
voltage on the SS pin is higher than 1V, the FB overvoltage
comparator trips if the feedback voltage exceeds the SS
voltage by 110% for more than 128 PWM clock cycles. If
the overvoltage comparator is triggered, the controller pulls
PGOOD low, discharges the SS capacitor and disables
the drivers. The controller immediately restarts once the
fault condition has been removed. When OVP is disabled,
the PGOOD will remain high when FB voltage is higher
than the reference voltage.
The resistor from OVP pin to GND is also used to enable
or disable the FB level shifter and select single or dual
phase operation. Refer to the Table 1.
Thermal Shutdown (TSHDN)
The controller features a thermal fault-protection circuit.
When the junction temperature rises above +165°C,
the internal thermal sensor triggers the fault protection,
disables the drivers, and discharges the SS capacitor.
The controller remains disabled until the junction
temperature cools by 15°C. Once the device has cooled
down the controller automatically restarts using the
soft-start sequence.
Switching Frequency (FREQ/CLK)
The controller supports 120kHz to 1MHz switching
frequencies. Leave FREQ/CLK unconnected to select
the preset 300kHz switching frequency. To adjust the
switching frequency, either place an external resistor from
FREQ/CLK to AGND, or drive FREQ/CLK with an external
system clock (see Table 2). The resistively programmable
switching frequency is determined by:
Table 2. Phase and Master/Slave Configurations
Table 1. FB OVP Settings, Phase and FB Level Shifter Configuration
NUMBER OF PHASES
NUMBER OF
MAX15158/MAX15158A
FB OF SLAVE
CONNECTED TO BIAS
CLK FREQUENCY
1
1
N/A
4 x fSW
2
1
N/A
4 x fSW
4
2
Yes
4 x fSW
OVP PIN VOLTAGE (V)
ROVP
FB OVP THRESHOLD
FB LEVEL SHIFTER
PHASE CONFIGURATION
0.10 ± 0.05
GND
110%
DISABLED
Dual-phase or
quad-phase operations
0.33 ± 0.05
33kΩ
DISABLED
ENABLED
0.68 ± 0.05
68kΩ
110%
ENABLED
1.00 ± 0.05
100kΩ
DISABLED
DISABLED
1.33 ± 0.05
133kΩ
DISABLED
ENABLED
Single-phase operation
1.69 ± 0.05
169kΩ
110%
ENABLED
2.05 ± 0.05
205kΩ
DISABLED
DISABLED
2.53 ± 0.05
OPEN
110%
DISABLED
www.maximintegrated.com
Maxim Integrated │ 21
MAX15158/MAX15158A
High-Voltage Multiphase Boost Controller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com