Electronic Components Datasheet Search
  English  ▼

X  

SN74HCS238 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HCS238
Description  SN74HCS238 3- to 8-Line Decoder/Demultiplexer with Schmitt-Trigger Inputs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HCS238 Datasheet(HTML) 3 Page - Texas Instruments

  SN74HCS238 Datasheet HTML 1Page - Texas Instruments SN74HCS238 Datasheet HTML 2Page - Texas Instruments SN74HCS238 Datasheet HTML 3Page - Texas Instruments SN74HCS238 Datasheet HTML 4Page - Texas Instruments SN74HCS238 Datasheet HTML 5Page - Texas Instruments SN74HCS238 Datasheet HTML 6Page - Texas Instruments SN74HCS238 Datasheet HTML 7Page - Texas Instruments SN74HCS238 Datasheet HTML 8Page - Texas Instruments SN74HCS238 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
5 Pin Configuration and Functions
1
2
3
7
4
5
6
14
13
12
8
11
10
9
GND
Y
1
Y
3
Y
4
V
CC
15
16
A
0
A
1
A
2
G0
G1
G2
Y
7
Y
0
Y
6
Y
2
Y
5
D, PW, or DYY Package
16-Pin SOIC, TSSOP, or SOT-23
Top View
A
1
A
2
G0
G1
G2
Y
7
GND
Y
0
Y
1
Y
2
Y
3
Y
4
Y
6
Y
5
PAD
A
0
V
CC
2
3
4
5
6
7
8
15
14
13
12
11
10
9
1
16
BQB Package
16-Pin WQFN
Top View
Table 5-1. Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
A0
1
I
Address select 0
A1
2
I
Address select 1
A2
3
I
Address select 2
G 0
4
I
Strobe input, active low
G 1
5
I
Strobe input, active low
G2
6
I
Strobe input
Y7
7
O
Output 7
GND
8
—
Ground
Y6
9
O
Output 6
Y5
10
O
Output 5
Y4
11
O
Output 4
Y3
12
O
Output 3
Y2
13
O
Output 2
Y1
14
O
Output 1
Y0
15
O
Output 0
VCC
16
—
Positive supply
Thermal Pad(1)
—
The thermal pad can be connect to GND or left floating. Do not connect to any
other signal or supply.
(1)
BQB package only.
www.ti.com
SN74HCS238
SCLS835B – OCTOBER 2020 – REVISED MAY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: SN74HCS238



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com