Electronic Components Datasheet Search
  English  ▼

X  

FUSB308B Datasheet(PDF) 26 Page - ON Semiconductor

Part # FUSB308B
Description  USB Type-C Port Controller with USB-PD
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB308B Datasheet(HTML) 26 Page - ON Semiconductor

Back Button FUSB308B Datasheet HTML 22Page - ON Semiconductor FUSB308B Datasheet HTML 23Page - ON Semiconductor FUSB308B Datasheet HTML 24Page - ON Semiconductor FUSB308B Datasheet HTML 25Page - ON Semiconductor FUSB308B Datasheet HTML 26Page - ON Semiconductor FUSB308B Datasheet HTML 27Page - ON Semiconductor FUSB308B Datasheet HTML 28Page - ON Semiconductor FUSB308B Datasheet HTML 29Page - ON Semiconductor FUSB308B Datasheet HTML 30Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 53 page
background image
FUSB308B
www.onsemi.com
26
Table 4. REGISTER DEFINITIONS (continued)
Address
Bit0
Bit1
Bit2
Bit3
Bit4
Bit5
Bit6
Bit7
Rst Val
Type
Register
Name
1Bh
FAULTCTRL
R/W
00h
Reserved
Reserved
DISCH_
TIMER_DIS
Reserved
Reserved
VCONN_
OCP_DIS
1Ch
PWRCTRL
R/W
60h
Reserved
VBUS_MON
DIS_VALRM
AUTO_
DISCH
EN_BLEED_
DISCH
FORCE_
DISCH
VCONN_
PWR
EN_VCONN
1Dh
CCSTAT
R
00h/20h
Reserved
LOOK4CON
CON_RES
CC2_STAT
CC1_STAT
1Eh
PWRSTAT
R
08h
DEBUG_
ACC
TCPC_INIT
SOURCE_
HV
SOURCE_
VBUS
VBUS_VAL_
EN
VBUS_VAL
VCONN_
VAL
SNKVBUS
1Fh
FAULTSTAT
R
80h
ALL_REGS_
RESET
Reserved
AUTO_
DISCH_FAIL
FORCE_
DISCH_FAIL
Reserved
Reserved
VCONN_
OCP
I2C_ERR
20h..22h
Reserved
R
00h
Reserved
23h
COMMAND
R
00h
Command
24h
DEVCAP1L
R
DDh
ROLES_SUPPORT
ROLES_
SUPPORT
SWITCH_
VCONN
SNK_VBUS
SRC_HV
SRC_VBUS
25h
DEVCAP1H
R
1Eh
Reserved
BLEED_DIS
FORCE_DIS
VBUS_
MEAS_
ALRM
RP_SUPPORT
26h
DEVCAP2L
R
D7h
SNK_DISC_
DETECT
STOP_
DISCH
VBUS_ALRM_LSB
VCONN_POWER_CAP
VCONN_
FAULT_CAP
27h
DEVCAP2H
R
01h
Reserved
Watchdog
Timer
28h
STD_IN_CAP
R
00h
Reserved
29h
STD_OUT_CAP
R
41h
Reserved
DEBUG_
ACC
Reserved
MUX_CTRL
Reserved
ORIENT
2Ah..2Dh
Reserved
R
00h
Reserved
2Eh
MSGHEADR
R/W
02h
Reserved
Cable Plug
Data Role
USB PD Rev
PWR Role
2Fh
RXDETECT
R/W
00h
Reserved
EN_CABLE_
RST
EN_HRD_
RST
EN_SOP2_
DBG
EN_SOP1_
DBG
EN_SOP2
EN_SOP1
EN_SOP
30h
RXBYTECNT
R
00h
Received Byte Count
31h
RXSTAT
R
00h
Reserved
Received SOP* Message
32h
RXHEADL
R
00h
Received Header Low
33h
RXHEADH
R
00h
Received Header High
34h..4Fh
RXDATA
R
00h
Received Data Payload
50h
TRANSMIT
R/W
00h
Reserved
Retry Counter
Reserved
Transmit SOP* Message



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com