Electronic Components Datasheet Search
  English  ▼

X  

FUSB380 Datasheet(PDF) 6 Page - ON Semiconductor

Part # FUSB380
Description  Autonomous USB Type-C Cable Marker
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB380 Datasheet(HTML) 6 Page - ON Semiconductor

  FUSB380 Datasheet HTML 1Page - ON Semiconductor FUSB380 Datasheet HTML 2Page - ON Semiconductor FUSB380 Datasheet HTML 3Page - ON Semiconductor FUSB380 Datasheet HTML 4Page - ON Semiconductor FUSB380 Datasheet HTML 5Page - ON Semiconductor FUSB380 Datasheet HTML 6Page - ON Semiconductor FUSB380 Datasheet HTML 7Page - ON Semiconductor FUSB380 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
FUSB380
www.onsemi.com
6
Functional Behaviour
VCONN Terminations
The FUSB380 device presents a RA termination
whenever the VCONNx pins are unpowered. Only the
VCONNx pin that has a voltage in the valid range for
tVCONNStable will be weakened to RA_WEAK.
The function of RA_WEAK is to discharge the voltage on
VCONN to VVCONNDischarge within a maximum time of
tVCONNDischarge and a maximum load of 10 mF. The
RA_WEAKtermination will be applied until VCONN voltage
drops below the VRAReconnect threshold. Once this threshold
is crossed RA is reapplied.
Field Programmable Function
The FUSB380 can be programmed by the customer via
Vendor Defined Messages. The user can re−program the
device a maximum of 5 times.
The device’s Discover Identity response can be fully
customized for both Active and Passive cables, with or
without Modal support.
The FUSB380 also offers the ability to program a Serial
Number that can be read via a VDM Specific command.
Table 5. SUMMARY OF FIELD PROGRAMMABLE BITS
Parameter
Description
# of Bits
ID HEADER
MEM_USB_HOST
1
MEM_USB_DEV
1
MEM_PROD_TYPE
Product Type
3
MEM_MODAL
Modal Operation
1
MEM_ID_RSVD_B25_23
Reserved
3
MEM_ID_RSVD_B22_16
Reserved
7
MEM_VID
USB Vendor ID
16
CERTIFICATION STATUS VDO
MEM_XID
XID
32
PRODUCT VDO
MEM_USB ID
USB PID
16
MEM_bcdDevice
bcdDevice
16
CABLE VDO
MEM_HW_VER
Hardware Version
4
MEM_FW_VER
Firmware Version
4
MEM_VDO_VER
3
MEM_CABLE_RSVD_B20
Reserved
1
MEM_TYPEC_TO_X
USB Type−C to X
2
MEM_CABLE_RSVD_B17
Reserved
1
MEM_LATENCY
Cable Latency
4
MEM_TERM_TYPE
Cable Termination Type
2
MEM_CABLE_VDO_BIT10_9
Max VBUS V
2
MEM_CABLE_VDO_BIT8_7
SS Direction
2
MEM_VBUS_AMPS
VBUS Current Handling
2
MEM_VBUS_THROUGH
VBUS Through Cable
1
MEM_SOP2
SOP2 Present
1
MEM_SS_SIG
USB SS Signaling
3
CABLE VDO 2
MEM_CABLE2_MAX_TEMP
Maximum Operating Temperature
8
MEM_CABLE2_SHUTDOWN_TEMP
Shutdown Temperature
8
MEM_CABLE2_RSVD_B15
Reserved
10
MEM_CABLE2_RSVD_B14_12
Reserved
10
MEM_CABLE2_RSVD_B11
Reserved
10



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com