Electronic Components Datasheet Search
  English  ▼

X  

FML240 Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # FML240
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

FML240 Datasheet(HTML) 2 Page - Rectron Semiconductor

  FML240 Datasheet HTML 1Page - Rectron Semiconductor FML240 Datasheet HTML 2Page - Rectron Semiconductor FML240 Datasheet HTML 3Page - Rectron Semiconductor FML240 Datasheet HTML 4Page - Rectron Semiconductor FML240 Datasheet HTML 5Page - Rectron Semiconductor FML240 Datasheet HTML 6Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
INSTANTANEOUS FORWARD VOLTAGE, (V)
LEAD TEMPERATURE, (
OC)
0
0.5
1.0
1.5
2.0
175
125
150
50
25
75
100
0
0.1
0.3
0.5
1.1
1.5
1.7
1.9
0.9
0.1
1.0
10
20
0.7
1.3
2.1
RATING AND CHARACTERISTICS CURVES ( FML220 THRU FML240 )
FIG.1 TYPICAL FORWARD CURRENT
DERATING CURVE
FIG.4
NUMBER OF CYCLES AT 60Hz
1
20
10
30
50
60
40
2
4
6
8 10
20
40
80 100
MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
Single Phase Half Wave 60Hz
Resistive or Inductive Load
0.375" (9.5mm) Lead Length
TJ = 25
OC
Pulse width=300
μS
1% Duty Cycle
8.3mS Single Half Sine-Wave
JEDEC Method
FIG.2
REVERSE
CHARACTERISTICS
MAXIMUM
FIG.3
INSTANTANEOUS FORWARD
CHARACTERISTICS
MAXIMUM
0
0.01
100
1.0
10
20
40
60
80
100
120
140
T
=
A
125
OC
T =
A
25
OC
0.1
1000



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com