Electronic Components Datasheet Search
  English  ▼

X  

STSPIN32F0251 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STSPIN32F0251
Description  Advanced 250 V three-phase BLDC controller with embedded STM32 MCU
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN32F0251 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STSPIN32F0251 Datasheet HTML 5Page - STMicroelectronics STSPIN32F0251 Datasheet HTML 6Page - STMicroelectronics STSPIN32F0251 Datasheet HTML 7Page - STMicroelectronics STSPIN32F0251 Datasheet HTML 8Page - STMicroelectronics STSPIN32F0251 Datasheet HTML 9Page - STMicroelectronics STSPIN32F0251 Datasheet HTML 10Page - STMicroelectronics STSPIN32F0251 Datasheet HTML 11Page - STMicroelectronics STSPIN32F0251 Datasheet HTML 12Page - STMicroelectronics STSPIN32F0251 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
4.2
Thermal data
Table 5. Thermal data
Symbol
Parameter
Value
Unit
Rth(JA)
Thermal resistance junction to ambient(1)
TQFP 10x10 64L package
27.6
°C/W
Thermal resistance junction to ambient (1)
QFN 10x10 72L package
22.4
1. JEDEC 2s2p PCB in still air.
4.3
Recommended operating conditions
Table 6. Recommended operating conditions
Symbol
Parameter
Test Condition
Min
Typ
Max
Unit
VCC
Power supply voltage
(VCCthON)MAX
20
V
VLS (1)
Low-side driver supply voltage
4
20
V
VPS (2)
Low-side driver ground
-5
5
V
VBO(3)
Floating supply voltage
(VBOthON)MAX
20
V
VCIN
Comparator input voltage
0
15
V
VOUT
DC Output voltage
-10(4)
230
V
FSW
Maximum switching frequency
(5)
800
kHz
VDD
Standard MCU operating
voltage
3.0
3.3
3.6
V
VDDA
MCU analog operating voltage
(ADC not used)
Must have a potential equal to
or higher than VDD
VDD
3.6
V
MCU analog operating voltage
(ADC used)
VDD
3.6
V
TJ
Operating junction temperature
-40
125
°C
1. VLS = VCC - VPGND
2. VPS = VPGND - VSGND
3. VBO = VBOOT - VOUT
4. LVG off. VCC = 9 V. Logic is operational if VBOOT > 5 V
5. Actual maximum FSW depends on power dissipation.
STSPIN32F0251, STSPIN32F0252
Thermal data
DS13048 - Rev 4
page 9/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com