Electronic Components Datasheet Search
  English  ▼

X  

TSB711 Datasheet(PDF) 8 Page - STMicroelectronics

Part # TSB711
Description  Precision rail-to-rail input / output 36 V, 6 MHz op-amps
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSB711 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TSB711 Datasheet HTML 4Page - STMicroelectronics TSB711 Datasheet HTML 5Page - STMicroelectronics TSB711 Datasheet HTML 6Page - STMicroelectronics TSB711 Datasheet HTML 7Page - STMicroelectronics TSB711 Datasheet HTML 8Page - STMicroelectronics TSB711 Datasheet HTML 9Page - STMicroelectronics TSB711 Datasheet HTML 10Page - STMicroelectronics TSB711 Datasheet HTML 11Page - STMicroelectronics TSB711 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
Table 7. Electrical characteristics at VCC = 5 V, VICM = VOUT = VCC / 2, Tamb = 25 °C and RL connected to
VCC / 2 (unless otherwise specified)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
DC performance
Vio
Input offset voltage
TSB711A, TSB712A, T = 25 °C,
VCC- ≤ VICM ≤ VCC+ - 1.5 V
± 350
µV
TSB711A,TSB712A, T = 25 °C,
VCC- ≤ VICM ≤ VCC+
± 650
TSB711A,TSB712A, -40 °C < T < 125 °C,
VCC- ≤ VICM ≤ VCC+ - 1.5 V
± 750
TSB711A, TSB712A, -40 °C < T < 125 °C,
VCC- ≤ VICM ≤ VCC+
± 1050
TSB711, TSB712, T = 25 °C,
VCC- ≤ VICM ≤ VCC+ - 1.5 V
± 800
TSB711, TSB712, T = 25 °C,
VCC- ≤ VICM ≤ VCC+
± 1200
TSB711, TSB712, -40 °C < T < 125 °C,
VCC- ≤ VICM ≤ VCC+ - 1.5 V
± 1100
TSB711, TSB712, -40 °C < T < 125 °C,
VCC- ≤ VICM ≤ VCC+
± 1400
ΔVio / ΔT Input offset voltage drift
-40°C < T < 125 °C (1)
4
µV / °C
IIB
Input bias current (2)
VICM = VCC+, T = 25 °C
0
300
nA
VICM = VCC+, -40 °C < T < 125 °C
0
900
VICM = VCC-, T = 25 °C
-100
0
VICM = VCC-, -40 °C < T < 125 °C
-200
0
IIO
Input offset current (3)
VICM = VCC+
10
VICM = VCC-
10
AVD
Open loop gain
RL ≥ 10 kΩ,
(VCC-) + 0.5 V ≤ VOUT ≤ (VCC+) - 0.5 V,
T = 25 °C
105
120
dB
RL ≥ 10 kΩ,
(VCC-) + 0.5 V ≤ VOUT ≤ (VCC+) - 0.5 V,
-40 °C < T < 125 °C
100
CMR
Common-mode rejection ratio
20 log ( ∆VINCM / ∆VIO )
(VCC-) ≤ VICM ≤ ( VCC+) - 1.5 V,
T = 25 °C
95
125
dB
(VCC-) ≤ VICM ≤ (VCC+) - 1.5 V,
-40 °C < T < 125 °C
90
TSB711A, TSB712A (VCC-) ≤ VICM ≤ (VCC+),
T = 25 °C
80
105
TSB711A, TSB712A (VCC-) ≤ VICM ≤ (VCC+),
-40 °C < T < 125 °C
75
TSB711, TSB712 (VCC-) ≤ VICM ≤ (VCC+),
75
105
TSB711, TSB711A, TSB712, TSB712A, TSB714, TSB714A
Electrical characteristics
DS12487 - Rev 6
page 8/36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com