Electronic Components Datasheet Search
  English  ▼

X  

TSB711A Datasheet(PDF) 7 Page - STMicroelectronics

Part # TSB711A
Description  Precision rail-to-rail input / output 36 V, 6 MHz op-amps
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSB711A Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TSB711A Datasheet HTML 3Page - STMicroelectronics TSB711A Datasheet HTML 4Page - STMicroelectronics TSB711A Datasheet HTML 5Page - STMicroelectronics TSB711A Datasheet HTML 6Page - STMicroelectronics TSB711A Datasheet HTML 7Page - STMicroelectronics TSB711A Datasheet HTML 8Page - STMicroelectronics TSB711A Datasheet HTML 9Page - STMicroelectronics TSB711A Datasheet HTML 10Page - STMicroelectronics TSB711A Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
in
Input current noise density
f = 1 kHz
0.15 (6)
pA / √Hz
1. See Section 5.4 Input offset voltage drift over the temperature in application information.
2. Typical value is based on the VIO drift observed after 1000 h at 125 °C extrapolated to 25 °C using the Arrhenius law
and assuming an activation energy of 0.7 eV. The operational amplifier is aged in follower mode configuration. See
Section 5.5 Long term input offset voltage drift.
3. Current is positive when it is sinked into the op-amp.
4. Iio is defined as |Iibp – Iibn|
5. For higher capacitive values see Figure 26. Phase margin vs. output current at VCC = 36 V, Figure 27. Phase margin vs.
capacitive load and Figure 28. Overshoot vs. capacitive load at VCC = 36 V
6. Theoretical value of the input current noise density based on the measurement of the input transistor base current:
in= 2.q.ib
TSB711, TSB711A, TSB712, TSB712A, TSB714, TSB714A
Electrical characteristics
DS12487 - Rev 6
page 7/36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com